Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI6350 Datasheet(PDF) 1 Page - PLX Technology

Part # PCI6350
Description  Asynchronous 32-bit PCI-to-PCI Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PCI6350 Datasheet(HTML) 1 Page - PLX Technology

  PCI6350 Datasheet HTML 1Page - PLX Technology PCI6350 Datasheet HTML 2Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Asynchronous 32-bit PCI–to–PCI Bridge
.
Connectivity
PCI r3.0 compatible
3.3V signaling including 5V input
signal tolerance
32-bit, 66MHz Asynchronous operation
Support for 9 Bus Masters
PQFP and BGA packages
Performance
Flow-Thru zero wait state burst up to 4
KB for optimal large volume data transfer
192 buffering bytes (data FIFO)
Two-entry 64-byte upstream Posted Write
buffer
Two-entry 32-byte downstream Posted
Write buffer
Two-entry 64-byte upstream Read Data
buffer
One-entry 32-byte downstream Read Data
buffer
Out-of-order delayed transactions
Serial EEPROM loadable and
programmable PCI Read-Only register
configurations
External arbiter or programmable
arbitration for nine bus masters on
secondary interface support
Ten secondary clock outputs with pin
controlled enable and individual maskable
control
Four GPIO pins with output control and
power-up status latch capable
Enhanced address decoding
32-bit I/O Address range
ISA Aware mode for legacy support in
the first 64 KB of I/O Address range
VGA addressing and palette snooping
support
IEEE Standard 1149.1-1990 JTAG
interface for boundary scan test
Industry-standard 208-pin (ball) Plastic
Quad Flat Pack (PQFP) or 256-pin (ball)
Plastic Ball Grid Array (PBGA) package
Address Stepping hardcoded to two
clocks
Multiple IDs check all Device and
Revision IDs
ISA I/O—Added decode of legacy ISA
devices
Added optional flow-through enable
Fast back-to-back enable—Read-only
supported
High Performance Asynchronous 32-bit, 66MHz, PCI–to–PCI Bridge for
Cost-sensitive Applications
The PLX FastLane™ PCI 6350 is an asynchronous,
32-bit, 66MHz PCI-to-PCI bridge for enhanced cost-
effective bridging for add-in cards in image processing,
video capture, PCI I/O expansion, storage or network
servers, telecommunication, networking, and embedded
applications. And, like all PLX interconnect chips, the
PLX PCI 6350 is supported by best-of-class, comprehensive reference design tools, along
with PLX’s industry-recognized support infrastructure. The PCI 6350 is designed for
applications such bus load /PCI slot expansion, and frequency conversion from slower
PCI to faster PCI buses or vice versa, using Asynchronous bridging.
Asynchronous bridging is a key feature of the PCI 6350, in which the primary and
secondary buses can operate at independent frequencies. In
addition, the PCI 6350 includes sophisticated buffer
management and buffer configuration options designed to
provide customizable performance optimization. All of this is
in an industry-standard pin-out, which is compatible with the
PCI 6150 and 21150-type devices. The PCI 6350 is available
in both PQFP and BGA packages with a lead-free ROHS
compliant option.
Figure 1. Asynchronous PCI Bridging
PCI 6350
Version 1.0 2005


Similar Part No. - PCI6350

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCI60 ALLIED-PCI60 Datasheet
676Kb / 1P
Power Chip Inductors
PCI60-100M-RC ALLIED-PCI60-100M-RC Datasheet
323Kb / 1P
Power Chip Inductors
PCI60-100M-RC ALLIED-PCI60-100M-RC Datasheet
676Kb / 1P
Power Chip Inductors
PCI60-101M-RC ALLIED-PCI60-101M-RC Datasheet
323Kb / 1P
Power Chip Inductors
PCI60-101M-RC ALLIED-PCI60-101M-RC Datasheet
676Kb / 1P
Power Chip Inductors
More results

Similar Description - PCI6350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI2060 TI-PCI2060 Datasheet
960Kb / 76P
Asynchronous PCI-to-PCI Bridge
logo
PLX Technology
PCI6150 PLX-PCI6150 Datasheet
167Kb / 1P
Asynchronous PCI-to-PCI Bridge
PCI6154 PLX-PCI6154 Datasheet
178Kb / 1P
Asynchronous FastLane??PCI-to-PCI Bridge
logo
Pericom Semiconductor C...
PI7C8150B PERICOM-PI7C8150B Datasheet
1Mb / 108P
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
logo
Intel Corporation
21150 INTEL-21150 Datasheet
1Mb / 164P
PCI-to-PCI Bridge
logo
Texas Instruments
PCI2060ZHK TI-PCI2060ZHK Datasheet
925Kb / 76P
PCI2060 Asynchronous PCI-to-PCI
logo
Pericom Semiconductor C...
PI7C8154BNAE PERICOM-PI7C8154BNAE Datasheet
1Mb / 111P
Asynchronous 2-Port PCI-to-PCI Bridge
PI7C8148B PERICOM-PI7C8148B_06 Datasheet
1Mb / 94P
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8150B PERICOM-PI7C8150B_15 Datasheet
1Mb / 107P
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
logo
Texas Instruments
PCI2050B TI1-PCI2050B_17 Datasheet
445Kb / 88P
PCI-to-PCI Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com