Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI6466 Datasheet(PDF) 1 Page - PLX Technology

Part # PCI6466
Description  Dual-Mode (Transparent & Non-Transparent) Universal FastLane??64-bit, 66MHz PCI-to-PCI Bridge
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PCI6466 Datasheet(HTML) 1 Page - PLX Technology

  PCI6466 Datasheet HTML 1Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dual-Mode (Transparent & Non-Transparent) Universal
FastLane™ 64-bit, 66MHz PCI-to-PCI Bridge
.
Connectivity
PCI r3.0 capable
CompactPCI Hot Swappable
Asynchronous Bridging to
66MHz
5V signal input tolerance and 5V
signal to 3.3V signal conversions
27mm x 27mm PBGA
10KB FIFO size
Transparent and Non-Transparent
Bridge Function
Support for 8 Bus Masters
Usable in CPCI System Slot or
Peripheral Slot
Performance
Dynamic-Buffer-Management
Smart-Prefetch allows the PCI 6466 to
provide data prefetch, store and forward
service to secondary bus PCI bus based
processors
Flow-Thru architecture
Large 10K Byte buffer
8 pairs of REQ/GNT signals support up
to 8 bus masters directly on secondary
bus
EEPROM support for extra register
control
Vital Product Data (VPD)
16 general purpose IO interface
PME D3 wakeup power
PLX Technology, Inc.
870 Maude Ave.
Sunnyvale, CA 94085 USA
Tel: 1-800-759-3735
Tel: 1-408-774-9060
Fax: 1-408-774-2169
Email: info@plxtech.com
Web Site: www.plxtech.com
Adaptive High Performance Asynchronous 66MHz, 64-bit,
PCI–to–PCI Bridge for Servers, Storage, DSP, Telecommunication,
Networking and Embedded Applications
PLX’s FastLane™ PCI 6466 is a 64-Bit PCI-to-PCI bridge designed for high
performance, high availability applications, frequency conversions from a faster PCI to
a slower PCI bus, address remapping, high availability hot swap, and universal system-
to-system bridging.
The FastLane™ PCI 6466 includes sophisticated buffer management and buffer
configuration options designed to provide customizable performance for efficient
processor bridging. The PCI 6466 allows up to 2KB prefetch during each PCI read and
timed FIFO flush management.
Product Ordering Information
Part Number
Description
PCI 6466-CB66BI
PCI 6466 64-bit PCI-to-PCI Bridge Chip (BGA)
PCI 6466-CB66BI G
PCI 6466 64-bit PCI-to-PCI Bridge Chip
Lead Free ROHS Compliant (BGA)
Please visit the PLX Web site at http://www.plxtech.com or contact PLX sales at 408-774-9060 for more information.
PCI 6466
Version 1.0 2005
© 2005 PLX Technology, Inc. All rights reserved. PLX and the PLX logo are registered trademarks of PLX Technology, Inc.
FastLane is a trademark of PLX Technology,
Inc., which may be registered in some jurisdiction. All other product names that appear in this material are for identification purposes only and are acknowledged to be
trademarks or registered trademarks of their respective companies. Information supplied by PLX is believed to be accurate and reliable, but PLX Technology, Inc. assumes no
responsibility for any errors that may appear in this material. PLX Technology, Inc. reserves the right, without notice, to make changes in product design or specification.
6466-SIL-PB-P1-1.0
04/05


Similar Part No. - PCI6466

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI6411 TI-PCI6411 Datasheet
860Kb / 204P
DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PCI6411 TI1-PCI6411 Datasheet
224Kb / 6P
Dual/Single Socket CardBus
PCI6411GHK TI1-PCI6411GHK Datasheet
224Kb / 6P
Dual/Single Socket CardBus
PCI6411ZHK TI1-PCI6411ZHK Datasheet
224Kb / 6P
Dual/Single Socket CardBus
PCI6420 TI-PCI6420 Datasheet
818Kb / 160P
DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER WITH DEDICATED SD/MS-PRO SOCKETS
More results

Similar Description - PCI6466

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI7C8154B PERICOM-PI7C8154B Datasheet
117Kb / 3P
2 PORT 64 BIT 66MHZ PCI TO PCI BRIDGE
logo
Intel Corporation
21555 INTEL-21555 Datasheet
617Kb / 2P
Non-Transparent PCI-to-PCI Bridge
logo
Integrated Device Techn...
89HPES24NT3 IDT-89HPES24NT3 Datasheet
569Kb / 31P
24-Lane 3-Port Non-Transparent PCI Express짰 Switch
89HPES16NT2 IDT-89HPES16NT2 Datasheet
53Kb / 3P
16-Lane 2-Port Non-Transparent PCI Express짰 Switch
89HPES8NT2 IDT-89HPES8NT2 Datasheet
53Kb / 3P
8-Lane 2-Port Non-Transparent PCI Express짰 Switch
logo
PLX Technology
PCI6152 PLX-PCI6152 Datasheet
168Kb / 1P
FastLane??PCI-to-PCI Bridge Chips
PCI6154 PLX-PCI6154 Datasheet
178Kb / 1P
Asynchronous FastLane??PCI-to-PCI Bridge
PCI6254 PLX-PCI6254 Datasheet
80Kb / 1P
Dual-Mode (Transparent & Non-Transparent) Universal FastLane??PCI -to-PCI Bridge
PCI6520 PLX-PCI6520 Datasheet
323Kb / 1P
Transparent FastLane??PCI-X -to- PCI-X Bridge
PCI6540 PLX-PCI6540 Datasheet
290Kb / 1P
Dual-Mode (Transparent & Non-Transparent) Universal FastLane??PCI-X -to- PCI-X Bridge
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com