Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI6520 Datasheet(PDF) 1 Page - PLX Technology

Part # PCI6520
Description  Transparent FastLane??PCI-X -to- PCI-X Bridge
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PCI6520 Datasheet(HTML) 1 Page - PLX Technology

  PCI6520 Datasheet HTML 1Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transparent FastLane™ PCI-X –to- PCI-X Bridge
.
Connectivity
64-bit, 33MHz-133MHz
Asynchronous operation
5V signal input tolerance and
5V signal to 3.3V signal
conversions
27mm x 27mm PBGA
10KB FIFO size
PCI-X or PCI Bus Types
Transparent Bridge Function
8 supported Bus Masters
Performance
Dynamic-Buffer-Management™
for enhanced PCI-X-to-PCI-X
bridging
Flow-Thru™ architecture for
PCI-X-to-PCI bridging conversion
Independent reference clock input for
PCI-X clock speed measurement
Large 10K Byte buffer for efficient
PCI-X-to-PCI-X and PCI-X-to-PCI
bridging and speed conversion
8 pairs of REQ/GNT signals support
up to 8 bus masters directly on
secondary bus
EEPROM support for extra register
control, Vital Product Data (VPD), 8
general purpose IO interface, and
proven PME D3 wakeup power
management.
PLX Technology, Inc.
870 Maude Ave.
Sunnyvale, CA 94085 USA
Tel: 1-800-759-3735
Tel: 1-408-774-9060
Fax: 1-408-774-2169
Email: info@plxtech.com
Web Site: www.plxtech.com
Asynchronous, 133MHz, 64-Bit PCI-X to PCI-X Bridge for Servers, Storage,
Telecommunication, Networking and Embedded Applications and High
Performance 10KB Buffer PCI-X-to-PCI Bridging
PLX’s FastLane™ PCI 6520 is a 64-Bit PCI-X-to-PCI-X bridge designed for high
performance, high availability applications in PCI-X-to-PCI conversion, bus expansions
and frequency conversions bridging. The PCI 6520 has sophisticated buffer management
and buffer configuration options designed to provide customizable performance
optimization.
The FastLane PCI 6520 has sophisticated buffer architecture designed to provide very
efficient PCI-X-to-PCI conversion bridging. The PCI 6520 allows up to 2KB prefetch
during each PCI read.
© 2004 PLX Technology, Inc. All rights reserved. PLX and the PLX logo are registered trademarks of PLX Technology, Inc.
FastLane is a trademark of PLX
Technology, Inc., which may be registered in some jurisdiction. All other product names that appear in this material are for identification purposes only and are
acknowledged to be trademarks or registered trademarks of their respective companies. Information supplied by PLX is believed to be accurate and reliable, but PLX
Technology, Inc. assumes no responsibility for any errors that may appear in this material. PLX Technology, Inc. reserves the right, without notice, to make changes in
product design or specification.
6520-SIL-PB-P1-1.1
5/04
Product Ordering Information
Part Number
Description
PCI 6520-xx13BC
PCI 6520 PCI-X-to-PCI-X Bridge Chip (PBGA)
Please visit the PLX Web site at http://www.plxtech.com or contact PLX sales at 408-774-9060 for more information.
Version 1.1 2004
PCI 6520


Similar Part No. - PCI6520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI6515 TI-PCI6515 Datasheet
760Kb / 148P
SINGLE SOCKET CARDBUS CONTROLLER WITH DEDICATED SMART CARD SOCKET
PCI6515A TI-PCI6515A Datasheet
219Kb / 6P
Single Socket CardBus Controller with Dedicated Smart Card Socket
PCI6515AGHK TI-PCI6515AGHK Datasheet
219Kb / 6P
Single Socket CardBus Controller with Dedicated Smart Card Socket
PCI6515AZHK TI-PCI6515AZHK Datasheet
219Kb / 6P
Single Socket CardBus Controller with Dedicated Smart Card Socket
PCI6515GHK TI-PCI6515GHK Datasheet
760Kb / 148P
SINGLE SOCKET CARDBUS CONTROLLER WITH DEDICATED SMART CARD SOCKET
More results

Similar Description - PCI6520

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEX8114 ETC1-PEX8114 Datasheet
1Mb / 4P
ExpressLane??PCI Express-to-PCI/PCI-X Bridge
logo
Pericom Semiconductor C...
PI7C21P100B PERICOM-PI7C21P100B Datasheet
1Mb / 79P
2-PORT PCI-X TO PCI-X BRIDGE
logo
Intel Corporation
21555 INTEL-21555 Datasheet
617Kb / 2P
Non-Transparent PCI-to-PCI Bridge
logo
PLX Technology
PCI6152 PLX-PCI6152 Datasheet
168Kb / 1P
FastLane??PCI-to-PCI Bridge Chips
PCI6154 PLX-PCI6154 Datasheet
178Kb / 1P
Asynchronous FastLane??PCI-to-PCI Bridge
PCI6254 PLX-PCI6254 Datasheet
80Kb / 1P
Dual-Mode (Transparent & Non-Transparent) Universal FastLane??PCI -to-PCI Bridge
PCI6466 PLX-PCI6466 Datasheet
180Kb / 1P
Dual-Mode (Transparent & Non-Transparent) Universal FastLane??64-bit, 66MHz PCI-to-PCI Bridge
PCI6540 PLX-PCI6540 Datasheet
290Kb / 1P
Dual-Mode (Transparent & Non-Transparent) Universal FastLane??PCI-X -to- PCI-X Bridge
PEX8114 PLX-PEX8114 Datasheet
1Mb / 4P
PCI Express-to-PCI/PCI-X Bridge
logo
AVAGO TECHNOLOGIES LIMI...
PEX8114 AVAGO-PEX8114 Datasheet
1Mb / 4P
PCI Express-to-PCI/PCI-X Bridge
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com