Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI6540 Datasheet(PDF) 1 Page - PLX Technology

Part # PCI6540
Description  Dual-Mode (Transparent & Non-Transparent) Universal FastLane??PCI-X -to- PCI-X Bridge
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PCI6540 Datasheet(HTML) 1 Page - PLX Technology

  PCI6540 Datasheet HTML 1Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dual-Mode (Transparent & Non-Transparent) Universal
FastLane™ PCI-X –to- PCI-X Bridge
.
Connectivity
PCI r2.3 capable
CompactPCI Hot Swappable
64-bit, 33MHz-133MHz
Asynchronous operation
5V signal input tolerance and 5V
signal to 3.3V signal conversions
27mm x 27mm PBGA
10KB FIFO size
PCI-X or PCI Bus Types
Transparent and Non-Transparent
Bridge Function
Support for 8 Bus Masters
Usable in CPCI System Slot or
Peripheral Slot
Performance
Dynamic-Buffer-Management™ for
enhanced PCI-X-to-PCI-X bridging
Smart-Prefetch™ allows the PCI 6540
to provide data prefetch, store and
forward service to secondary bus PCI
bus based processors
Flow-Thru™ architecture for
PCI-X-to-PCI bridging
Independent reference clock input for
PCI-X clock speed measurement
Large 10K Byte buffer for efficient
PCI-X-to-PCI-X and PCI-X-to-PCI
bridging and speed conversion
8 pairs of REQ/GNT signals support up
to 8 bus masters directly on secondary
bus
EEPROM support for extra register
control
Vital Product Data (VPD)
16 general purpose IO interface
PME D3 wakeup power
PLX Technology, Inc.
870 Maude Ave.
Sunnyvale, CA 94085 USA
Tel: 1-800-759-3735
Tel: 1-408-774-9060
Fax: 1-408-774-2169
Email: info@plxtech.com
Web Site: www.plxtech.com
Adaptive High Performance Asynchronous 133MHz, 64-bit,
PCI-X –to– PCI-X Bridge for Servers, Storage, DSP, Telecommunication,
Networking and Embedded Applications
PLX’s FastLane™ PCI 6540 is a 64-Bit PCI-X-to-PCI-X bridge designed for high
performance, high availability applications in PCI-X-to-PCI conversion, frequency
conversions from a faster PCI-X to a slower PCI-X bus, address remapping, high
availability hot swap, and universal system-to-system bridging.
The FastLane™ PCI 6540 includes sophisticated buffer management and buffer
configuration options designed to provide customizable performance for efficient PCI-
X –to– PCI conversion and processor bridging. The PCI 6540 allows up to 2KB
prefetch during each PCI read and timed FIFO flush management.
Product Ordering Information
Part Number
Description
PCI 6540-xx13BC
PCI 6540 PCI-X-to-PCI-X Bridge Chip (PBGA)
Please visit the PLX Web site at http://www.plxtech.com or contact PLX sales at 408-774-9060 for more information.
PCI 6540
Version 1.2 2004
© 2004 PLX Technology, Inc. All rights reserved. PLX and the PLX logo are registered trademarks of PLX Technology, Inc.
FastLane is a trademark of PLX Technology,
Inc., which may be registered in some jurisdiction. All other product names that appear in this material are for identification purposes only and are acknowledged to be
trademarks or registered trademarks of their respective companies. Information supplied by PLX is believed to be accurate and reliable, but PLX Technology, Inc. assumes no
responsibility for any errors that may appear in this material. PLX Technology, Inc. reserves the right, without notice, to make changes in product design or specification.
6540-SIL-PB-P1-1.2
5/04


Similar Part No. - PCI6540

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI6515 TI-PCI6515 Datasheet
760Kb / 148P
SINGLE SOCKET CARDBUS CONTROLLER WITH DEDICATED SMART CARD SOCKET
PCI6515A TI-PCI6515A Datasheet
219Kb / 6P
Single Socket CardBus Controller with Dedicated Smart Card Socket
PCI6515AGHK TI-PCI6515AGHK Datasheet
219Kb / 6P
Single Socket CardBus Controller with Dedicated Smart Card Socket
PCI6515AZHK TI-PCI6515AZHK Datasheet
219Kb / 6P
Single Socket CardBus Controller with Dedicated Smart Card Socket
PCI6515GHK TI-PCI6515GHK Datasheet
760Kb / 148P
SINGLE SOCKET CARDBUS CONTROLLER WITH DEDICATED SMART CARD SOCKET
More results

Similar Description - PCI6540

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEX8114 ETC1-PEX8114 Datasheet
1Mb / 4P
ExpressLane??PCI Express-to-PCI/PCI-X Bridge
logo
Pericom Semiconductor C...
PI7C21P100B PERICOM-PI7C21P100B Datasheet
1Mb / 79P
2-PORT PCI-X TO PCI-X BRIDGE
logo
Intel Corporation
21555 INTEL-21555 Datasheet
617Kb / 2P
Non-Transparent PCI-to-PCI Bridge
logo
PLX Technology
PCI6152 PLX-PCI6152 Datasheet
168Kb / 1P
FastLane??PCI-to-PCI Bridge Chips
PCI6154 PLX-PCI6154 Datasheet
178Kb / 1P
Asynchronous FastLane??PCI-to-PCI Bridge
PCI6254 PLX-PCI6254 Datasheet
80Kb / 1P
Dual-Mode (Transparent & Non-Transparent) Universal FastLane??PCI -to-PCI Bridge
PCI6466 PLX-PCI6466 Datasheet
180Kb / 1P
Dual-Mode (Transparent & Non-Transparent) Universal FastLane??64-bit, 66MHz PCI-to-PCI Bridge
PCI6520 PLX-PCI6520 Datasheet
323Kb / 1P
Transparent FastLane??PCI-X -to- PCI-X Bridge
PEX8114 PLX-PEX8114 Datasheet
1Mb / 4P
PCI Express-to-PCI/PCI-X Bridge
logo
AVAGO TECHNOLOGIES LIMI...
PEX8114 AVAGO-PEX8114 Datasheet
1Mb / 4P
PCI Express-to-PCI/PCI-X Bridge
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com