Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9052G Datasheet(PDF) 2 Page - PLX Technology

Part # PCI9052G
Description  32-bit, 33MHz PCI Target I/O Accelerator for 32-bit, 40MHz Generic and ISA Local Bus Designs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PCI9052G Datasheet(HTML) 2 Page - PLX Technology

  PCI9052G Datasheet HTML 1Page - PLX Technology PCI9052G Datasheet HTML 2Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIFOs
PCI Bus
State
Machines
Local Bus
State
Machines
Local Bus
Interface
– Dynamic Bus
Width (8-, 16-,
or 32-bit)
– Endian
Conversion
– Muxed or
non-Muxed
Address/Data
Buses
– ISA Logic
Interface
Control Logic
Direct Slave
PCITarget
(For Direct
Slave Xfers)
Direct SlaveRead
Local Master
(For Direct
Slave Xfers)
Con guration
Registers
PCI Bus
Interface
EEPROM
Direct Slave Write
PCI Bus
Local Bus
Run-Time
Serial EEPROM
– User-speci ed
register
initialzation
values
Interrupts
PLX Technology, Inc.
870 Maude Ave.
Sunnyvale, CA 94085 USA
Tel: 1-800-759-3735
Tel: 1-408-774-9060
Fax: 1-408-774-2169
Email: info@plxtech.com
Web Site: www.plxtech.com
© 2001 by PLX Technology, Inc. All rights reserved. PLX and Data Pipe Architecture are trademarks of PLX Technology, Inc. All oth
er product names that appear in this material are for identication purposes only and are acknowledged to be
trademarks or registered trademarks of their respective companies. Information supplied by PLX is believed to be accurate and r
eliable, but PLX Technology, Inc. assumes no responsibility for any errors that may appear in this material. PLX
Technology, Inc. reserves the right, without notice, to make changes in product design or specication.
PLX recognizes that software often repre-
sents the largest investment in development.
The PCI 9052 is fully compliant with PLX’s
SDK-LITE that enables quick and easy devel-
opment of high performance local processor
and host PCI software through standard
APIs, PCI debug tools, and sample drivers.
Development Tools Support
To minimize risk and lower your product
development costs, PLX oers Software
Development Kits (SDKs) and Rapid
Development Kits (RDKs) that support the
PCI 9052. These kits enable designers to
quickly bring new designs to production.
The PCI 9052 design support is provided
through RDKs that include a robust PCI
development platform, complete with
OrCAD schematics, documentation, a PCI
9052 chip sample, and software.
9052-SIL-PB-P1-1.0
9/01 750
PCI 9052 Internal Block Diagram
Product Ordering Information
Part Number
Description
PCI 9052
32-bit, 33MHz PCI Target I/O Accelerator for Generic and ISA 32-bit,
40MHz Local Bus Designs
32-bit, 33MHz PCI Target I/O Accelerator for Generic and ISA 32-bit,
40MHz Local Bus Designs (Lead-Free)
PCI 9052 G
PCI 9052RDK-LITE
PCI 9052 Rapid Development Kit with prototyping area for
Generic & ISA mode Local Bus designs
SDK-LITE
Windows Host-Side Software Development Kit for PLX I/O Accelerators
and I/O Processors



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com