Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9056 Datasheet(PDF) 1 Page - PLX Technology

Part # PCI9056
Description  32-bit, 66MHz PCI Bus Mastering I/O Accelerator for Motorola PowerQUICC??and Generic 32-bit, 66MHz Local Bus Designs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PCI9056 Datasheet(HTML) 1 Page - PLX Technology

  PCI9056 Datasheet HTML 1Page - PLX Technology PCI9056 Datasheet HTML 2Page - PLX Technology PCI9056 Datasheet HTML 3Page - PLX Technology PCI9056 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PCI 9056
32-bit, 66MHz PCI Bus Mastering I/O Accelerator for Motorola
PowerQUICC™ and Generic 32-bit, 66MHz Local Bus Designs
Highest Performance 32-bit PCI Bus Mastering I/O Accelerator
for Your Embedded Applications
The PCI 9056 offers flexible connectivity and high performance I/O acceleration features
to enable leading edge PCI, CompactPCI, and embedded host designs.
Motorola® MPC 850/860 PowerQUICC Designs
The PCI 9056 is the perfect match for the industry leading 32-bit communications proces-
sor, the Motorola MPC 850/860 PowerQUICC. The PCI 9056 provides a direct connection
to PowerQUICC devices, enabling high-speed 32-bit, 66MHz PCI performance utilizing
PLX’s Data Pipe Architecture™ technology.
Generic 32-bit, 66MHz Local Bus Designs
The PCI 9056 provides direct connection to two generic industry standard interconnect
buses. Designers use these 32-bit, 66MHz buses for a myriad of high-speed devices
ranging from processors, to DSPs, to memories, to custom ASICs and FPGAs. The PCI
9056 Data Pipe Architecture technology enables high-speed, 32-bit, 66MHz PCI I/O
with those devices.
Move Your 32-bit Embedded Designs Up to 66MHz Operation
As PCI evolves to meet the ever increasing I/O demands of leading edge communications
systems, PLX continues to provide high performance PCI I/O acceleration solutions. Based
on the architecture of the industry-leading PCI 9054, the PCI 9056 offers a variety of
enhancements for the needs of today’s telecom, networking, and I/O adapter designs:
s
32-bit, 66MHz PCI operation
s
32-bit, 66MHz local bus operation
s
Dynamic DMA descriptor ring management with Valid bit semaphore control
s
PICMG 2.1 r2.0 Hot Swap Silicon, including Bias Voltage, Early Power,
and Initialy Not Responding Support
s
PCI Power Management r1.1 D3COLD Power Management Event (PME) generation
s
PCI arbiter supporting 7 external masters
s
Reset and interrupt pins configurable for embedded host applications
s
JTAG boundary scan
The PCI 9056 is register compatible with the PCI 9054, enabling easy software migration.
Connectivity
s
32-bit, 66MHz PCI r2.2 compliant
s
Motorola PowerQUICC and
generic 32-bit, 66MHz local bus
modes
s
3.3V I/O, 5V tolerant bus
interfaces
s
PICMG 2.1 r2.0 Hot Swap Silicon
s
256-ball, 17 x 17 mm, 1.00 mm
fine pitch PBGA (FPBGA)
Performance
s
Zero wait state burst operation
– PCI bus bursts to 264 MB/sec
– Local bus bursts to 264 MB/sec
s
2 DMA Channels
– Block & Scatter/Gather transfers
– DMA descriptor ring management
– Demand Mode & EOT H/W
controls
s
Direct Master data transfers
– Generate any PCI transaction
– Read ahead and programmable
read prefetch counter
s
Direct Slave data transfers
– Access 8-, 16-, and 32-bit local
bus devices
– Deferred reads, deferred writes,
read ahead, posted writes, pro-
grammable read prefetch counter
Control
s
I2O r1.5 messaging unit
s
Eight mailbox and two
doorbell registers
s
PCI arbiter supports 7 external
masters
s
Host mode reset/interrupt signal
configuration
s
PCI D3COLD Power Management
Event (PME) generation support
s
Serial EEPROM interface
s
JTAG boundary scan
VERSION
1.0
2002


Similar Part No. - PCI9056

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PCI9050 PLX-PCI9050 Datasheet
208Kb / 2P
Bus Target Interface Chip
PCI9050RDK PLX-PCI9050RDK Datasheet
208Kb / 2P
Bus Target Interface Chip
PCI9052 PLX-PCI9052 Datasheet
280Kb / 2P
32-bit, 33MHz PCI Target I/O Accelerator for 32-bit, 40MHz Generic and ISA Local Bus Designs
PCI9052G PLX-PCI9052G Datasheet
280Kb / 2P
32-bit, 33MHz PCI Target I/O Accelerator for 32-bit, 40MHz Generic and ISA Local Bus Designs
PCI9052RDK-LITE PLX-PCI9052RDK-LITE Datasheet
280Kb / 2P
32-bit, 33MHz PCI Target I/O Accelerator for 32-bit, 40MHz Generic and ISA Local Bus Designs
More results

Similar Description - PCI9056

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI7C8154B PERICOM-PI7C8154B Datasheet
117Kb / 3P
2 PORT 64 BIT 66MHZ PCI TO PCI BRIDGE
logo
Exar Corporation
XR17V258 EXAR-XR17V258 Datasheet
1Mb / 70P
66MHZ PCI BUS OCTAL UART WITH POWER MANAGEMENT SUPPORT
logo
Oxford Semiconductor
OX9160 OXFORD-OX9160 Datasheet
233Kb / 38P
PCI Peripheral Bridge with EPP Parallel Port & 8/32 bit local bus
logo
Exar Corporation
XR17V254 EXAR-XR17V254 Datasheet
1Mb / 70P
66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
logo
PLX Technology
PCI9052 PLX-PCI9052 Datasheet
280Kb / 2P
32-bit, 33MHz PCI Target I/O Accelerator for 32-bit, 40MHz Generic and ISA Local Bus Designs
PCI9054 PLX-PCI9054 Datasheet
387Kb / 4P
PCI Bus Master I/O Accelerator Chip
PCI9656 PLX-PCI9656 Datasheet
438Kb / 4P
64-bit, 66MHz PCI Bus Mastering I/O Accelerator for Motorola PowerQUICC??& Generic 32-bit, 66MHz Local Bus Designs
PCI9656RDK-LITE PLX-PCI9656RDK-LITE Datasheet
173Kb / 2P
Rapid Development Kit For PCI 9656 Generic Local Bus Designs
logo
List of Unclassifed Man...
APCI-IB40 ETC2-APCI-IB40 Datasheet
253Kb / 10P
32-bit PCI Local Bus I/O board
logo
Exar Corporation
XR17V258 EXAR-XR17V258_08 Datasheet
1Mb / 70P
66MHZ PCI BUS OCTAL UART WITH POWER MANAGEMENT SUPPORT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com