Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9080 Datasheet(PDF) 2 Page - PLX Technology

Part # PCI9080
Description  I2O Compatible PCI Bus Master I/O Accelerator Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PCI9080 Datasheet(HTML) 2 Page - PLX Technology

  PCI9080 Datasheet HTML 1Page - PLX Technology PCI9080 Datasheet HTML 2Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T E C H N O L O G Y
®
PLX Technology, Inc.
390 Potrero Ave.
Sunnyvale, CA 94086 USA
Tel: 1-800-759-3735
Fax: 1-408-774-2169
Email: info@plxtech.com
Web Site: www.plxtech.com
P
F
Q
P
n
i
p
-
8
0
2
e
g
a
k
c
a
P
1
.
2
.
v
,
n
o
it
a
c
if
i
c
e
p
s
s
u
b
l
a
c
o
l
I
C
P
e
c
n
a
il
p
m
o
c
I
C
P
I2O messaging unit
PCI extension of the I
2O specication v.1.5
Interface protocol
Direct bus master
v
5
r
o
v
3
.
3
g
n
il
a
n
g
i
s
I
C
P
Local bus speed
0-40MHz
Big/Little Endian conversion
Dynamic switching for direct slave, direct master, DMA,
and the internal register accesses on the local side
x
a
m
z
H
M
3
3
d
e
e
p
S
s
u
B
I
C
P
PCI host capability
Type 0 or Type 1 PCI conguration cycles in direct master mode
Mailbox registers
Eight 32-bit, accessed from PCI or local bus
Doorbell registers
Two 32-bit, one from PCI to local bus, one from local bus to PCI bus
Unaligned DMA transfer support
From any byte boundary
Programmable local bus modes
Selected through mode pins
Mode C
32-bit address/32-bit data, non multiplexed
Mode J
32-bit address/32-bit data, multiplexed
Mode S
32-bit address/16-bit data, non multiplexed
Serial EEPROM interface
Supported
Technical Speci cations
Dir. MasterWrite
FIFOs
Dir. Master Read
Dir. Slave Write
Dir. Slave Read
DMA1 PCI/Loc
DMA1 Loc/PCI
DMA0 PCI/Loc
DMA0 Loc/PCI
PCI Initiator
(For Direct
Master Xfers)
PCI Bus
State
Machines
PCITarget
(for Direct
Slave Xfers)
PCI Initiator
(For Ch 1
DMA Xfers)
PCI Initiator
(For Ch 0
DMA Xfers)
EEPROM
Initialization
Internal
Registers
PCI Con g
Local Con g
Run-Time
DMA
I2O Messaging
Local Slave
(for Direct
Master Xfers)
Local Bus
State
Machines
Local Master
(for Direct
Master Xfers)
Local Master
(for Ch 1
DMA Xfers)
Local Master
(for Ch 0
DMA Xfers)
Local Bus
Interface
– Select Bus
Width 8,16
or 32 bit
– Endian
Conversion
– Select Muxe
or non-Muxe
Addr/Data
PCI Bus
Interface
&Arbiter
Control
Logic
I20 Messaging
DMA
DMA Chaining
Unaligned Xfer
PCI 9080 Internal Block Diagram
Product Ordering Information
p
i
h
C
r
e
t
s
a
M
s
u
B
l
a
c
o
L
o
t
I
C
P
0
8
0
9
I
C
P
I2
I
K
D
S
O
2O Software Development Kit for
Motorola MPC860 CPU, Intel i960 CPU, IBM PPC 401 CPU
,
U
P
C
0
6
8
C
P
M
a
l
o
r
o
t
o
M
r
o
f
ti
K
t
n
e
m
p
o
l
e
v
e
D
e
r
a
w
t
f
o
S
I
C
P
K
D
S
I
C
P
Intel i960 CPU, IBM PPC 401 CPU
*See PLX web site for latest version and product support information
© 1998 by PLX Technology, Inc. All rights reserved. PLX and PLXMon 98 are trademarks of PLX Technology, Inc. which may be regis
tered in some jurisdictions. All other
product names that appear in this material are for identication purposes only and are acknowledged to be trademarks or regist
ered trademarks of their respective companies.
Information supplied by PLX is believed to be accurate and reliable, but PLX Technology, Inc. assumes no responsibility for any
errors that may appear in this material. PLX
Technology reserves the right, without notice, to make changes in product design or specication.
9080-PB-010
9/98 5K



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com