Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD100FFY120C6S Datasheet(PDF) 1 Page - StarPower Europe AG

Part # GD100FFY120C6S
Description  1200V/100A 6 in one-package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD100FFY120C6S Datasheet(HTML) 1 Page - StarPower Europe AG

  GD100FFY120C6S Datasheet HTML 1Page - StarPower Europe AG GD100FFY120C6S Datasheet HTML 2Page - StarPower Europe AG GD100FFY120C6S Datasheet HTML 3Page - StarPower Europe AG GD100FFY120C6S Datasheet HTML 4Page - StarPower Europe AG GD100FFY120C6S Datasheet HTML 5Page - StarPower Europe AG GD100FFY120C6S Datasheet HTML 6Page - StarPower Europe AG GD100FFY120C6S Datasheet HTML 7Page - StarPower Europe AG GD100FFY120C6S Datasheet HTML 8Page - StarPower Europe AG GD100FFY120C6S Datasheet HTML 9Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
GD100FFY120C6S
IGBT Module
©2019 STARPOWER Semiconductor Ltd.
1/30/2019
1/9
SN0C
STARPOWER
SEMICONDUCTOR
IGBT
GD100FFY120C6S
1200V/100A 6 in one-package
General Description
STARPOWER IGBT Power Module provides ultra
low conduction loss as well as short circuit ruggedness.
They are designed for the applications such as
general inverters and UPS.
Features
Low VCE(sat) Trench IGBT technology
10μs short circuit capability
VCE(sat) with positive temperature coefficient
Maximum junction temperature 175
oC
Low inductance case
Fast & soft reverse recovery anti-parallel FWD
Isolated copper baseplate using DBC technology
Typical Applications
Inverter for motor drive
AC and DC servo drive amplifier
Uninterruptible power supply
Equivalent Circuit Schematic


Similar Part No. - GD100FFY120C6S

ManufacturerPart #DatasheetDescription
logo
StarPower Europe AG
GD100FFY120C6SF STARPOWER-GD100FFY120C6SF Datasheet
619Kb / 9P
1200V/100A 6 in one-package
11/6/2022
More results

Similar Description - GD100FFY120C6S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6MBI50UA-120 ETC-6MBI50UA-120 Datasheet
119Kb / 5P
1200V / 50A 6 in one-package
logo
Fuji Electric
2MBI100SC-120 FUJI-2MBI100SC-120 Datasheet
438Kb / 4P
1200V / 100A 2 in one-package
6MBP25TEA120 FUJI-6MBP25TEA120 Datasheet
304Kb / 8P
1200V / 25A 6 in one-package
logo
List of Unclassifed Man...
6MBI100UB-120 ETC2-6MBI100UB-120 Datasheet
123Kb / 5P
IGBT Module U-Series 1200V / 100A 6 in one-package
logo
Fuji Electric
6MBI100UC-120 FUJI-6MBI100UC-120 Datasheet
128Kb / 5P
1200V / 100A 6 in one-package
6MBP25RJ120 FUJI-6MBP25RJ120 Datasheet
315Kb / 8P
1200V / 25A 6 in one-package
6MBP50RJ120 FUJI-6MBP50RJ120 Datasheet
303Kb / 8P
1200V / 50A 6 in one-package
6MBI100VB-120-50 FUJI-6MBI100VB-120-50 Datasheet
427Kb / 6P
IGBT MODULE (V series) 1200V / 100A / 6 in one package
6MBI100VX-120-50 FUJI-6MBI100VX-120-50 Datasheet
464Kb / 6P
IGBT MODULE (V series) 1200V / 100A / 6 in one package
2MBI100VA-120-50 FUJI-2MBI100VA-120-50 Datasheet
470Kb / 6P
IGBT MODULE (V series) 1200V / 100A / 2 in one package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com