Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8508 Datasheet(PDF) 2 Page - PLX Technology

Part # PEX8508
Description  Flexible & Versatile PCI Express짰 Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8508 Datasheet(HTML) 2 Page - PLX Technology

  PEX8508 Datasheet HTML 1Page - PLX Technology PEX8508 Datasheet HTML 2Page - PLX Technology PEX8508 Datasheet HTML 3Page - PLX Technology PEX8508 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Flexible Port Configuration
The lane width for each port can be individually configured
through auto-negotiation, hardware strapping, upstream
software configuration, or through an optional EEPROM.
The PEX 8508 supports a large number of port configurations.
For example, if you are using the PEX 8508 in a fan-out
application, you may configure the upstream port as x4 and
the downstream ports as four x1 ports or two x2. In a peer-to-
peer switch aggregation application you can configure four x2
ports. Figure 1 show most common port configurations.
Figure 1. Common Port Configurations
Hot-Plug for High Availability
Hot plug capability allows users to replace hardware modules
and perform maintenance without powering down the system.
The PEX 8508 hot-plug capability and Advanced Error
Reporting features makes it suitable for High Availability
(HA) applications. Each port includes a Standard Hot-Plug
Controller. If the PEX 8508 is used in an application where
one or more of its downstream ports connect to PCI Express
slots, each port’s Hot-Plug Controller can be used to manage
the hot-plug event of its associated slot. Furthermore, its
upstream port is a hot-plug client, allowing it to be used on
hot-pluggable adapter cards, backplanes and fabric
modules.
Fully Compliant Power Management
For applications that require power management, the
PEX 8508 devices support both link (L0, L0s, L1, L2/L3
Ready, L2 and L3) and device (D0 and D3hot) power
management states, in compliance with the PCI Express power
management specification. Vaux, Wake# and Beacon support
the wakeup protocol from the D3cold state.
SerDes Power and Signal Management
The PEX 8508 supports software control of the SerDes
outputs to allow optimization of power and signal strength in
a system. The PLX SerDes implementation supports four
levels of power – off, low, typical and high. The SerDes block
also supports loop-back modes and advanced reporting of
error conditions, which enables efficient debug and
management of the entire system.
Flexible Virtual Channel Arbitration
The PEX 8508 switch supports fixed priority and Round
Robin arbitration schemes for up to two virtual channels. This
allows fine tuning of Quality of Service, efficient use of
packet buffers and the system bandwidth.
Applications
Suitable for host-centric as well as Intelligent I/O applications
the PEX 8508 can be configured for a wide variety of form
factors and applications.
Processor Isolation for Redundancy
The PEX 8508 switch, with its low latency, Hot-Plug, and
NTB capability, allows users to isolate processors in multi-
host or failover applications.
Figure 2. Processor Isolation
Figure 2 shows two server boards. The PCI Express switch is
used to prevent the backup host from enumerating and
configuring portions of the primary host system. In addition,
non transparent ports provide doorbell and mailbox registers
for inter-processor communications. The backup processor
will monitor heartbeat messages from the primary system and
upon failure take over as the primary host.
PEX 8508 has very low latency, under 150ns, to assist in a
rapid failover to the backup system. Here only one PEX 8508
switch is required with the one non transparent port but to
maintain identical board layouts, each board shown has a
PEX 8508 switch. This application can be generalized to
where each compute or storage or I/O board would include a
PEX 8508 to isolate each processor domain.
Adapter Card Aggregation
The number and variety of PCI Express native-mode devices
is growing quickly. As these devices become mainstream it
will be necessary to create multifunction and multi-port
adapter cards with PCI Express capability.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com