Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8512 Datasheet(PDF) 3 Page - PLX Technology

Part # PEX8512
Description  Flexible & Versatile PCI Express짰 Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8512 Datasheet(HTML) 3 Page - PLX Technology

  PEX8512 Datasheet HTML 1Page - PLX Technology PEX8512 Datasheet HTML 2Page - PLX Technology PEX8512 Datasheet HTML 3Page - PLX Technology PEX8512 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
into a backplane or motherboard. Figure 3 shows the
PEX 8512 in this application.
Quad GE
Quad GE
Quad GE
Quad GE
PEX 8512
PEX 8512
PEX 8512
PEX 8512
x4
x4
x4
x4
x4
x4
x4
x4
x4
Figure 3. Aggregation Adapter Card
The adapter card in Figure 3 can be transparent, in which
case the PCI Express I/O devices are just standard I/O
endpoints such as Ethernet or Fibre Channel. Or the PEX 8512
can provide a non-transparent port to the system (via the
card’s edge connector). In this case, one of the PCI Express
devices can be a CPU or other “intelligent” device with on-
chip processing capability – thus needing address domain
isolation from the rest of the system. This approach is
commonly used in RAID controllers.
Intelligent Adapter Card
The PEX 8512 supports the non-transparency feature.
Figure 4 illustrates a host system using an intelligent adapter
card.
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
CPU
CPU
CPU
CPU
Intelligent I/O Adaptor
Intelligent I/O Adaptor
Non-Transparent
Port
CPU
Blade
CPU
Blade
Primary
Host
Primary
Host
CPU
Blade
CPU
Blade
CPU
Blade
CPU
Blade
Primary
Host
Primary
Host
x2
x2
x2
x2
x2
x2
x2
x4
x4
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
PEX 8512
PEX 8512
PEX 8512
PEX 8512
NT
PEX 8533
PEX 8533
x2
x2
Figure 4. Intelligent Adapter Usage
In this figure, the CPU on the adapter card is isolated from the
host CPU. The PEX 8512 non-transparent port allows the two
CPUs to be isolated but communicate with each other through
various registers that are designed in the PEX 8512 for that
purpose. The host CPU can dynamically re-assign both the
upstream port and the non-transparent port of PEX 8512
allowing the system to be reconfigured.
Dual Host/Fabric Model
The ExpressLane PEX 8512 supports applications requiring
dual host, host failover, and load-sharing applications
through the non-transparency feature. Figure 5 illustrates a
dual host system with dual switch fabric in dual-star
configuration.
The redundancy of the host and the fabric can be achieved
through many possible configurations using NTB function of
PEX 8512. In the configuration shown below the host 1
controls the switch 1 and associated I/Os and the host 2
controls the switch 2 and associated I/Os. The hosts and
switches are isolated using NTB functionality of PEX 8512 on
the host boards. If one of the hosts fails the surviving host can
remove the failing host from the configuration while
controlling both the switches and all I/Os. Similarly, if one of
the switches fails the host associated with that switch can send
control messages to its I/Os through the surviving switch using
NTB function.
Figure 5. Dual Host/Fabric Mode
Expansion Application
The PEX 8512 can also be utilized to expand the number of
PCI Express devices in a given system. Figure 6 shows how
the PEX 8512 can be used to double the number of ports
available from the Root Complex. Each port in the PEX 8512
is configured with a x4 link width. The Peer-to-peer
communication feature of the PEX 8512 allows the PCI
Express I/O devices to communicate with each other without
any centralized control.
Root
Complex
Root
Complex
CPU
CPU
PEX 8512
PEX 8512
PEX 8512
PEX 8512
x4
x4
x4
Dual GE
x2
x2
x2
PEX 8512
PEX 8512
PEX 8512
PEX 8512
x4
x4
x4
FC
x4
x4
x4
x4
x4
x4
PCI Express
Slot
PCI Express
PCI Express
Slot
Slot
Dual GE
x2
x2
x2
Dual GE
x2
x2
x2
Dual GE
x2
x2
x2
Figure 6. Expansion Application



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com