Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8524V Datasheet(PDF) 3 Page - PLX Technology

Part # PEX8524V
Description  Flexible & Versatile PCI Express??Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8524V Datasheet(HTML) 3 Page - PLX Technology

  PEX8524V Datasheet HTML 1Page - PLX Technology PEX8524V Datasheet HTML 2Page - PLX Technology PEX8524V Datasheet HTML 3Page - PLX Technology PEX8524V Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Almost all (non x86 based) high-end microprocessor
manufacturers are offering PCI Express interfaces. The PEX
8524V can be directly connected to a processor to fan-out its
PCIe port to a larger number of ports for enhanced
connectivity as illustrated in Figure 3.
Figure 3. Fan out for PowerPC/MIPS CPUs
Embedded Systems
The PEX 8524V can also be utilized in embedded
applications. Figure 4 shows several independent modules
connecting through the PEX 8524V. The port widths for each
module can be configured as required. The peer-to-peer
communication feature of the PEX 8524V allows these
modules to communicate with each other without any
centralized control.
Figure 4. Embedded Systems
Peer to Peer Communication
Figure 5 represents a backplane where the ExpressLane PEX
8524V provides peer-to-peer data exchange for a large number
of line cards where the CPU/Host plays the management role.
Figure 5. Peer-to-Peer Usage
Graphics Fan-out Switch
As PCIe based graphics cards become more mainstream, it
will be necessary to take a x8 port on the root complex device
and fan it out to two x8 ports for dual graphics applications.
Root Complex (Northbridge) devices are available with
multiple PCIe ports. These ports can be further expanded to
connect to a larger number of I/Os or to support dual-graphics
using the PEX 8524V as shown in Figure 6.
Figure 6. Graphics Fan-out
PCI Express Port Expansion
The PEX 8524V enables designers to take, for example, two
x8 PCIe ports and expand them into ten ports. Some of these
PCIe ports can be bridged to PCI or PCI-X using bridging
products from PLX. Figure 7 illustrates one of the many
configurations the PEX 8524V can support.
Figure 7. PCIe Port Expansion



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com