Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8525 Datasheet(PDF) 4 Page - PLX Technology

Part # PEX8525
Description  High-Performance 24-lane, 5-port PCIe Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8525 Datasheet(HTML) 4 Page - PLX Technology

  PEX8525 Datasheet HTML 1Page - PLX Technology PEX8525 Datasheet HTML 2Page - PLX Technology PEX8525 Datasheet HTML 3Page - PLX Technology PEX8525 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PLX Confidential
Software Usage Model
From a system model viewpoint, each PCI Express port is a
virtual PCI to PCI bridge device and has its own set of PCI
Express configuration registers. It is through the upstream port
that the BIOS or host can configure the other ports using
standard PCI enumeration. The virtual PCI to PCI bridges
within the PEX 8525 are compliant to the PCI and PCI
Express system models. The Configuration Space Registers
(CSRs) in a virtual primary/secondary PCI to PCI bridge are
accessible by type 0 configuration cycles through the virtual
primary bus interface (matching bus number, device number,
and function number).
Interrupt Sources/Events
The PEX 8525 switch supports the INTx interrupt message
type (compatible with PCI 2.3 Interrupt signals) or Message
Signaled Interrupts (MSI) when enabled. Interrupts/messages
are generated by PEX 8525 for hot plug events, doorbell
interrupts, baseline error reporting, and advanced error
reporting.
Development Tools
PLX offers hardware and software tools to enable rapid
customer design activity. These tools consist of a hardware
module (PEX 8525 RDK), hardware documentation, and a
Software Development Kit (SDK).
Figure 8. PEX 8525 RDK
ExpressLane PEX 8525 RDK
The RDK hardware module includes the PEX 8525 with one
x8 (card-edge slot) port, two x4 ports and one x8 port (see
Figure 8). The RDK is available with a x8 card edge
connector/adapter. The adapters for x4 and x1 edge connectors
are available to plug the RDK in smaller slots. The PEX 8525
RDK board can be installed on a motherboard or used as a
riser card. The PEX 8525 RDK can be used to test and
validate customer software. Additionally, it can be used as an
evaluation vehicle for the PEX 8525 features and benefits. The
PEX 8525 RDK provides everything that a user needs to get
their hardware and software development started.
SDK
The SDK tool set
includes:
- Linux & Windows
drivers
- C/C++ Source code,
Objects, libraries
- User’s Guides &
Application examples
PLX Technology, Inc.
870 Maude Ave.
Sunnyvale, CA 94085 USA
Tel: 1-800-759-3735
Tel: 1-408-774-9060
Fax: 1-408-774-2169
Email: info@plxtech.com
Web Site: www.plxtech.com
Product Ordering Information
Part Number
Description
PEX 8525-AA25BI
24-Lane PCI Express Switch (31x31mm
2)
PEX 8525-AA25BI G
24-Lane PCI Express Switch, Pb-Free (31x31mm
2)
PEX 8525-AA RDK
PEX 8525 Rapid Development Kit w/ x8 Edge Connector
Please visit the PLX Web site at http://www.plxtech.com or contact PLX sales at 408-774-9060 for sampling.
© 2007 PLX Technology, Inc. All rights reserved. PLX and the PLX logo are registered trademarks of PLX Technology, Inc. ExpressLane is a trademark of PLX Technology,
Inc., which may be registered in some jurisdiction. All other product names that appear in this material are for identification purposes only and are acknowledged to be
trademarks or registered trademarks of their respective companies. Information supplied by PLX is believed to be accurate and reliable, but PLX Technology, Inc. assumes no
responsibility for any errors that may appear in this material. PLX Technology, Inc. reserves the right, without notice, to make changes in product design or specification.
8525-SIL-PB-P-1.2
01/07
Windows/Linux Apps
PEX API
PCIe
Driver
PnP
Driver
PCI Express Interface
Kernel
Space
User
Space
Hardware
Windows/Linux Apps
PEX API
PCIe
Driver
PnP
Driver
PCI Express Interface
Kernel
Space
User
Space
Hardware
HD Power
Connector
Port 1 – x8
PERST#
Midbus Site
(Upstream Port)
Midbus Site
PORT 8 - X8
PORT 10 - X4
PORT 9 - X4
Port 8 Status LED
Manual
Reset
HotPlug
Ckt
RefClk
EEPROM
EEPROM
EEPROM
EEPROM
PEX 8525
PEX 8525
Port 10 Status LED
Port 9 Status LED
DIP Switch
for Config
DIP Switch
for Config
DIP Switch
for Config
DIP Switch
for Config
JTAG
JTAG
JTAG
JTAG



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com