Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8532 Datasheet(PDF) 1 Page - PLX Technology

Part # PEX8532
Description  Flexible & Versatile PCI Express??Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8532 Datasheet(HTML) 1 Page - PLX Technology

  PEX8532 Datasheet HTML 1Page - PLX Technology PEX8532 Datasheet HTML 2Page - PLX Technology PEX8532 Datasheet HTML 3Page - PLX Technology PEX8532 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Flexible & Versatile PCI Express™ Switch
.
Features
PEX 8532 General Features
o
32-lane PCI Express switch
-
Integrated SerDes
o
Up to eight configurable ports
o
(x1, x2, x4, x8, x16)
o
35mmx35mm, 680 pin PBGA package
o
Typical Power: 5.7 Watts
PEX 8532 Key Features
o
Standard Compliant
-
PCI Express Base Specification, r1.1
o
High Performance
-
Non-blocking switch fabric
-
Full line rate on all ports
o
Non-Transparent Bridging
-
Configurable Non-Transparent port
for Multi-Host or Intelligent I/O
Support
o
Flexible Configuration
-
Eight highly flexible & configurable
ports (x1, x2, x4, x8, or x16)
-
Configurable with strapping pins,
EEPROM, or Host software
-
Lane and polarity reversal
o
PCI Express Power Management
-
Link power management states: L0,
L0s, L1, L2/L3 Ready, and L3
-
Device states: D0 and D3hot
o
Quality of Service (QoS)
-
Two Virtual Channels per port
-
Eight Traffic Classes per port
-
Fixed and Round-Robin Virtual
Channel Port Arbitration
o
Reliability, Availability,
Serviceability (RAS)
-
Eight Standard Hot-Plug Controllers
-
Upstream port as hot-plug client
-
Transaction Layer end-to-end CRC
-
Poison bit
-
Advanced Error Reporting
-
Per port performance monitoring
• Average packet size
• Number of packets
• CRC errors and more
-
JTAG boundary scan
Multi-purpose, Feature Rich ExpressLane™ PCI Express Switch
The ExpressLane
TM PEX 8532 device offers PCI Express switching capability
enabling users to add scalable high bandwidth, non-blocking interconnection to a
wide variety of applications including servers, storage systems, communications
platforms, blade servers, and embedded-control products. The PEX 8532 is well
suited for fan-out, aggregation, dual-graphics, peer-to-peer, and intelligent I/O
module applications.
Highly Flexible Port Configurations
The ExpressLane PEX 8532 offers highly configurable ports. There are a maximum
of 8 ports that can be configured to any legal width from x1 to x16, in any
combination to support your specific bandwidth needs. The ports can be configured
for symmetric (each port having the same lane width and traffic load) or
asymmetric (ports having different lane widths) traffic. In the event of asymmetric
traffic, the PEX 8532 features a flexible central packet memory that allocates a
memory buffer for each port as required by the application or endpoint. This buffer
allocation along with the device's flexible packet flow control minimizes
bottlenecks when the upstream and aggregated downstream bandwidths do not match
(are asymmetric). Any of the ports can be designated as the upstream port, which can
be changed dynamically.
End-to-end Packet Integrity
The PEX 8532 provides end-to-end CRC protection (ECRC) and Poison bit support
to enable designs that require end-to-end data integrity. These features are optional
in the PCI Express specification, but PLX provides them across its entire
ExpressLane switch product line.
Non-Transparent “Bridging” in a PCI Express Switch
The PEX 8532 product supports full non-transparent bridging functionality to allow
implementation of multi-host systems and intelligent I/O modules in applications
such as communications, storage, and blade servers. To ensure quick product
migration, the non-transparency features are implemented in the same fashion as in
standard PCI applications.
Non-transparent bridges allow systems to isolate memory domains by presenting the
processor subsystem as an endpoint, rather than another memory system. Base
address registers are used to translate addresses; doorbell registers are used to send
interrupts between the address domains; and scratchpad registers are accessible from
both address domains to allow inter-processor communication.
Two Virtual Channels
The ExpressLane PEX 8532 switch supports 2 full-featured Virtual Channels (VCs)
and 8 Traffic Classes (TCs). The mapping of Traffic Classes to port-specific Virtual
Channels allows for different mappings on different ports. In addition, the devices
offer user-selectable Virtual Channel arbitration algorithms to enable users to fine
tune the Quality of Service (QoS) required for a specific application.
Low Power with Granular SerDes Control
The PEX 8532 provides low power capability that is fully compliant with the PCI
Express power management specification. In addition, the SerDes physical links can
be turned off when unused for even lower power.
Version 1.6 2007
PEX 8532


Similar Part No. - PEX8532

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PEX8533 PLX-PEX8533 Datasheet
369Kb / 4P
Flexible & Versatile PCI Express??Switch
logo
AVAGO TECHNOLOGIES LIMI...
PEX8533 AVAGO-PEX8533 Datasheet
207Kb / 4P
Flexible & Versatile PCI Express
logo
PLX Technology
PEX8533-AA25BI PLX-PEX8533-AA25BI Datasheet
369Kb / 4P
Flexible & Versatile PCI Express??Switch
PEX8533-AA25BIG PLX-PEX8533-AA25BIG Datasheet
369Kb / 4P
Flexible & Versatile PCI Express??Switch
PEX8533-AARDK PLX-PEX8533-AARDK Datasheet
369Kb / 4P
Flexible & Versatile PCI Express??Switch
More results

Similar Description - PEX8532

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PEX8516 PLX-PEX8516 Datasheet
2Mb / 5P
Flexible & Versatile PCI Express Switch
PEX8524 PLX-PEX8524 Datasheet
859Kb / 4P
Flexible & Versatile PCI Express Switch
PEX8524V PLX-PEX8524V Datasheet
874Kb / 4P
Flexible & Versatile PCI Express??Switch
PEX8533 PLX-PEX8533 Datasheet
369Kb / 4P
Flexible & Versatile PCI Express??Switch
PEX8604 PLX-PEX8604 Datasheet
858Kb / 4P
Flexible & Versatile 4-lane 4-port PCI Express Switch
PEX8619 PLX-PEX8619 Datasheet
1Mb / 4P
Flexible & Versatile 16-lane 16-port PCI Express Switch
logo
AVAGO TECHNOLOGIES LIMI...
PEX8505 AVAGO-PEX8505 Datasheet
229Kb / 4P
Flexible & Versatile PCI Express
PEX8508 AVAGO-PEX8508 Datasheet
394Kb / 4P
Flexible & Versatile PCI Express
PEX8509 AVAGO-PEX8509 Datasheet
251Kb / 4P
Flexible & Versatile PCI Express
PEX8533 AVAGO-PEX8533 Datasheet
207Kb / 4P
Flexible & Versatile PCI Express
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com