Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8533 Datasheet(PDF) 1 Page - PLX Technology

Part # PEX8533
Description  Flexible & Versatile PCI Express??Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8533 Datasheet(HTML) 1 Page - PLX Technology

  PEX8533 Datasheet HTML 1Page - PLX Technology PEX8533 Datasheet HTML 2Page - PLX Technology PEX8533 Datasheet HTML 3Page - PLX Technology PEX8533 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PLX Confidential
Flexible & Versatile PCI Express™ Switch
.
Features
PEX 8533 General Features
o
32-lane PCI Express switch
-
Integrated SerDes
o
Up to six configurable ports
o
35mm x 35mm, 680 pin PBGA package
o
Pin Compatible with PEX 8532
o
Typical Power: 3.3 Watts
PEX 8533 Key Features
o
Standards Compliant
-
PCI Express Base Specification, r1.1
-
PCI SHPC Specification, r1.0
o
High Performance
-
Cut-through with 120ns packet latency
-
Max Payload Size of 1024 Bytes
-
Non-blocking switch fabric
-
Full line rate on all ports
o
Flexible Configuration
-
Six highly flexible and configurable ports
(x1, x2, x4, x8, or x16)
-
Configurable with strapping pins,
EEPROM, I
2C or Host software
-
Lane and polarity reversal
o
PCI Express Power Management
-
Link power management states: L0, L0s,
L1, L2/L3 Ready, and L3
-
Device states: D0 and D3hot
o
Quality of Service (QoS)
-
Eight Traffic Classes per port
-
Round robin and weighted RR port
arbitration
o
Reliability, Availability, Serviceability
-
3 Standard Hot-Plug Controllers
-
Upstream port as hot-plug client
-
Transaction Layer end-to-end CRC
-
Poison bit
-
INTA & FATAL ERROR signal support
-
Advanced Error Reporting in addition to
PCIe baseline error reporting
-
Port Status bits and GPO available
-
Per port performance monitoring
• Average packet size, number of
packets, CRC errors
-
JTAG boundary scan
Multi-Purpose, Feature Rich PCI Express ExpressLane™ Switch
The ExpressLane
TM PEX 8533 device offers PCI Express switching
capability conforming to the latest revision of the PCIe Base specification.
This device enables users to add scalable high bandwidth, non-blocking
interconnects to a wide variety of applications including servers, storage
systems, communications platforms, blade servers, and embedded-control
products. The PEX 8533 is well suited for fan-out, aggregation, peer-to-
peer, backplane, and switch fabric applications.
Highly Flexible Port Configurations
The ExpressLane
TM PEX 8533 offers highly configurable ports. There are a
maximum of 6 ports that can be configured to any legal width from x1 to
x16, in any combination to support your specific bandwidth needs. The ports
can be symmetric (each port having the same lane width) or asymmetric
(ports having different lane widths). Any of the ports can be designated as
the upstream port, which can be changed dynamically.
High Performance
The ExpressLane
TM PEX 8533 architecture supports packet cut-through
with a latency of 115ns (x8 to x8). This, combined with large packet
memory (256 to 1024 byte maximum payload size) and non-blocking
internal switch architecture, provide full line rate on its ports for
performance hungry applications such as storage servers or storage switch
fabrics.
End-to-End Packet Integrity
The ExpressLane
TM PEX 8533 provides optional end-to-end CRC
protection (ECRC) and Poison bit support to enable designs that require
guaranteed error-free packets.
Configuration Flexibility
The ExpressLane
TM PEX 8533 provides several ways to configure its
operations. The device can be configured through strapping pins, I
2C
interface, CPU configuration cycles, or an optional serial EEPROM. This
allows for easy debug during the development phase, performance
monitoring during the operation phase, and driver or software upgrade.
Interoperability
The ExpressLane
TM PEX 8533 is designed to be fully compliant with the
PCI-SIG specification. Additionally, it supports auto-negotiation, lane
reversal, and polarity reversal. The PEX 8533 also undergoes thorough
Interoperability testing in PLX’s Interoperability Lab.
Low Power with Granular SerDes Control
The ExpressLane
TM PEX 8533 provides low power capability that is fully
compliant with the PCI Express power management specification. In
addition, the SerDes physical links can be turned off when unused for even
lower power.
PEX 8533
Version 1.2 2007


Similar Part No. - PEX8533

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
PEX8533 AVAGO-PEX8533 Datasheet
207Kb / 4P
Flexible & Versatile PCI Express
More results

Similar Description - PEX8533

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PEX8516 PLX-PEX8516 Datasheet
2Mb / 5P
Flexible & Versatile PCI Express Switch
PEX8524 PLX-PEX8524 Datasheet
859Kb / 4P
Flexible & Versatile PCI Express Switch
PEX8524V PLX-PEX8524V Datasheet
874Kb / 4P
Flexible & Versatile PCI Express??Switch
PEX8532 PLX-PEX8532 Datasheet
520Kb / 4P
Flexible & Versatile PCI Express??Switch
PEX8604 PLX-PEX8604 Datasheet
858Kb / 4P
Flexible & Versatile 4-lane 4-port PCI Express Switch
PEX8619 PLX-PEX8619 Datasheet
1Mb / 4P
Flexible & Versatile 16-lane 16-port PCI Express Switch
logo
AVAGO TECHNOLOGIES LIMI...
PEX8505 AVAGO-PEX8505 Datasheet
229Kb / 4P
Flexible & Versatile PCI Express
PEX8508 AVAGO-PEX8508 Datasheet
394Kb / 4P
Flexible & Versatile PCI Express
PEX8509 AVAGO-PEX8509 Datasheet
251Kb / 4P
Flexible & Versatile PCI Express
PEX8533 AVAGO-PEX8533 Datasheet
207Kb / 4P
Flexible & Versatile PCI Express
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com