Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8624 Datasheet(PDF) 2 Page - PLX Technology

Part # PEX8624
Description  PCIe Gen2, 5.0GT/s 24-lane, 6-port Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8624 Datasheet(HTML) 2 Page - PLX Technology

  PEX8624 Datasheet HTML 1Page - PLX Technology PEX8624 Datasheet HTML 2Page - PLX Technology PEX8624 Datasheet HTML 3Page - PLX Technology PEX8624 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Preliminary - PLX Confidential
Dual-Host & Failover Support
The PEX 8624 product supports a Non-Transparent
(NT) Port, which enables the implementation of multi-
host systems in communications, storage, and blade
server applications.
The NT port
allows systems to
isolate host
memory domains
by presenting the
processor
subsystem as an
endpoint rather
than another
memory system.
Base address
registers are used
to translate addresses; doorbell registers are used to send
interrupts between the address domains; and scratchpad
registers (accessible by both CPUs) allow inter-
processor communication (see Figure 2).
Dual Cast
The PEX 8624 supports Dual Cast, a feature which
allows for the copying of data (e.g. packets) from one
ingress port to two egress ports allowing for higher
performance in dual-graphics, storage, security, and
redundant applications.
Read Pacing
The Read Pacing feature allows users to throttle the
amount of read requests being made by downstream
devices. When a downstream device requests several
long reads back-to-back, the Root Complex gets tied up
in serving this downstream port. If this port has a narrow
link and is therefore slow in receiving these read packets
from the Root Complex, then other downstream ports
may become starved – thus, impacting performance. The
Read Pacing feature enhances performances by allowing
for the adequate servicing of all downstream devices.
Hot Plug for High Availability
Hot plug capability allows users to replace hardware
modules and perform maintenance without powering
down the system. The PEX 8624 hot plug capability
feature makes it suitable for High Availability (HA)
applications. Three downstream ports include a
Standard Hot Plug Controller. If the PEX 8624 is used in
an application where one or more of its downstream
ports connect to PCI Express slots, each port’s Hot Plug
Controller can be used to manage the hot-plug event of
its associated slot. Every port on the PEX 8624 is
equipped with a hot-plug control/status register to
support hot-plug capability through external logic via the
I
2C interface.
SerDes Power and Signal Management
The PEX 8624 supports software control of the SerDes
outputs to allow optimization of power and signal
strength in a system. The PLX SerDes implementation
supports four levels of power – off, low, typical, and
high. The SerDes block also supports loop-back modes
and advanced reporting of error conditions, which
enables efficient management of the entire system.
Interoperability
The PEX 8624 is designed to be fully compliant with the
PCI Express Base Specification r2.0, and is backwards
compatible to PCI Express Base Specification r1.1 and
r1.0a. Additionally, it supports auto-negotiation, lane
reversal, and polarity reversal. Furthermore, the PEX
8624 is designed for Microsoft Vista compliance. All
PLX switches undergo thorough interoperability testing
in PLX’s Interoperability Lab and compliance testing
at the PCI-SIG plug-fest.
Applications & Usage Models
Suitable for host-centric as well as peer-to-peer traffic
patterns, the PEX 8624 can be configured for a broad
range of form factors and applications.
Host Centric Fan-out
The PEX 8624, with its symmetric or asymmetric lane
configuration capability, allows user-specific tuning to a
variety of host-centric applications. Figure 3 shows a
typical workstation design where the root complex
provides a PCI Express link that needs to be expanded to
a larger number of smaller ports for a variety of I/O
functions. In this example, the PEX 8624 has an 8-lane
upstream port, and four downstream ports using x4 links.
The PEX 8624 can also be used to create PCIe Gen1 (2.5
Gbps) ports. The PEX 8624 is backwards compatible
with PCIe Gen1 devices. Therefore, the PEX 8624
enables a Gen 2 native Chip Set to fan-out to Gen 1
endpoints. In Figure 3, the PCIe slots connected to the
PEX 8624’s downstream ports can be populated with
either PCIe Gen1 or PCIe Gen 2 devices. Conversely,
the PEX 8624 can also be used to create Gen 2 ports on
a Gen 1 native Chip Set in the same fashion.
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
CPU
Blade
CPU
Blade
Primary
Host
Primary
Host
CPU
Blade
CPU
Blade
CPU
Blade
CPU
Blade
Primary
Host
Primary
Host
Non-Transparent
Port
PEX 8624
PEX 8624
NT
PEX 8624
PEX 8624
NT
CPU
Blade
CPU
Blade
Secondary
Host
Secondary
Host
CPU
Blade
CPU
Blade
CPU
Blade
CPU
Blade
Secondary
Host
Secondary
Host
Figure 2. Non-Transparent Port



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com