Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX58400 Datasheet(PDF) 1 Page - ASIX Electronics Corporation

Part # AX58400
Description  Best Practices for Implementing AX58400 EtherCAT Slave Solutions
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58400 Datasheet(HTML) 1 Page - ASIX Electronics Corporation

  AX58400 Datasheet HTML 1Page - ASIX Electronics Corporation AX58400 Datasheet HTML 2Page - ASIX Electronics Corporation AX58400 Datasheet HTML 3Page - ASIX Electronics Corporation AX58400 Datasheet HTML 4Page - ASIX Electronics Corporation AX58400 Datasheet HTML 5Page - ASIX Electronics Corporation AX58400 Datasheet HTML 6Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
ASIX Electronics Corporation
Product Design Article
Release Date: 2025/3/6
Best Practices for Implementing AX58400 EtherCAT Slave Solutions
This article aims to introduce how to quickly implement EtherCAT slave products using ASIX’s
AX58400 EtherCAT slave reference design kits.
With the continuous innovation in artificial intelligence (AI) and robotics technology, the industrial
automation industry is moving towards a smarter and more efficient future. EtherCAT technology has
the characteristics of high performance, ultra-low latency, reliability, precise time synchronization and
low cost, and has become the mainstream standard in the industrial automation industry today. This
article outlines how to use ASIX’s AX58400 EtherCAT Slave Reference Design Kits to quickly
implement cost-effective EtherCAT slave products and expedite the process of industrial automation
in enterprises.
EtherCAT Industrial Ethernet Chip: High Speed, Reliability, and Ultra-Low Latency
Utilizing the unique 'processing on the fly' data exchange mechanism, EtherCAT technology fully
utilizes Ethernet bandwidth, dramatically reducing data transmission latency to less than 1us, thereby
ensuring the real-time and deterministic industrial automation communications. ASIX Electronics has
introduced the AX58x00 family EtherCAT slave controllers, including the AX58100, AX58200, and
AX58400. These chips have been recognized by the EtherCAT Technology Group (ETG) and are
officially listed in the ETG’s EtherCAT Product Guide.
Figure-1. ETG Product Guide - AX58x00 Family EtherCAT Slave Controllers
The AX58400 EtherCAT Slave Controller with Dual-Core MCU integrates the STMicroelectronics
STM32H755 dual-core microcontroller, featuring 32-bit 480MHz ARM Cortex-M7 and 240MHz
ARM Cortex-M4 cores, and incorporates an EtherCAT slave controller equipped with two fast
Ethernet PHYs. It supports various communication and control interfaces, including a 10/100M
Ethernet MAC with MII/RMII, USB 2.0 OTG, SPI, UART, I2C, JPEG hardware codec, and more.
Additionally, it also supports AES/TDES/HASH/HMAC hardware cryptographic accelerators and
ROP/PCROP/Anti-tamper security techniques.


Similar Part No. - AX58400

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX58400 ASIX-AX58400 Datasheet
544Kb / 2P
EtherCAT Slave Controller with Dual-Core MCU
11/05/2021
More results

Similar Description - AX58400

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4428 STMICROELECTRONICS-AN4428 Datasheet
1Mb / 18P
Best practices in the manufacturing process
09-Jan-2014
logo
TRINAMIC Motion Control...
TMC8460 TRINAMIC-TMC8460 Datasheet
4Mb / 145P
Integrated EtherCAT Slave Controller
logo
ASIX Electronics Corpor...
AX58100 ASIX-AX58100 Datasheet
5Mb / 71P
EtherCAT Slave Controller
AX58200 ASIX-AX58200 Datasheet
16Mb / 180P
EtherCAT Slave Controller SoC
logo
Adlink Technology Inc.
EU-6000 ADLINK-EU-6000 Datasheet
249Kb / 2P
EtherCAT Slave System
logo
Beckhoff Automation Gmb...
FC1100 BECKHOFF-FC1100 Datasheet
115Kb / 2P
Infrastructure, 1-channel fieldbus card, EtherCAT, slave, PCI, RJ45
FC1121 BECKHOFF-FC1121 Datasheet
147Kb / 2P
Infrastructure, 1-channel fieldbus card, EtherCAT, slave, PCI express, NOVRAM, RJ45
logo
ASIX Electronics Corpor...
AX58400 ASIX-AX58400 Datasheet
544Kb / 2P
EtherCAT Slave Controller with Dual-Core MCU
11/05/2021
logo
Advantech Co., Ltd.
AMAX-3245 ADVANTECH-AMAX-3245 Datasheet
375Kb / 1P
Advanced 4-axis EtherCAT Motion Slave Modules
21-Feb-2020
AMAX-3285IO ADVANTECH-AMAX-3285IO Datasheet
278Kb / 1P
Advanced 8-axis EtherCAT Motion Slave Modules with 16DI/16DO Expansion
9-Dec-2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com