Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA199E Datasheet(PDF) 6 Page - NXP Semiconductors

Part # KMA199E
Description  Programmable angle sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA199E Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button KMA199E Datasheet HTML 2Page - NXP Semiconductors KMA199E Datasheet HTML 3Page - NXP Semiconductors KMA199E Datasheet HTML 4Page - NXP Semiconductors KMA199E Datasheet HTML 5Page - NXP Semiconductors KMA199E Datasheet HTML 6Page - NXP Semiconductors KMA199E Datasheet HTML 7Page - NXP Semiconductors KMA199E Datasheet HTML 8Page - NXP Semiconductors KMA199E Datasheet HTML 9Page - NXP Semiconductors KMA199E Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
KMA199E_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 18 October 2007
6 of 31
NXP Semiconductors
KMA199E
Programmable angle sensor
6.3 Power-lost detection
The power-lost detection circuits enable the detection of an interrupted supply or ground
line of the KMA199E. In case of a power-lost condition, two internal switches within the
sensor are closed, connecting the pin of the analog output with the pins of the supply
voltage and the ground.
Table 3 shows the resulting output voltage depending on the error case and the load
resistance.
6.4 Low supply voltage detection
If the supply voltage is below the switch-off threshold voltage, a status bit is set.
Following table describes the behavior of the analog output at different supply voltages.
Fig 3.
Equivalent output circuit in case of a power-lost condition
Table 3.
Power-lost behavior
Load resistance
Supply voltage lost
Ground lost
RL >5kΩ
VO ≤ 4%VDD
VO ≥ 96 %VDD
001aag810
ZO(pl)
ZO(pl)
OUT/DIGINT
GND
VDD
KMA199E
Table 4.
Supply voltage behavior
Voltage range
Description
Analog output
0Vto
≈ 1.5 V
the output drives an active LOW, but the
switches of the power-lost detection circuits
are not fully opened and set the output to a
level between ground and half the supply
voltage
actively driven output to a
voltage level between ground
and half the supply voltage
≈ 1.5 V to V
POR
all modules begin to work and the power-on
reset is active
diagnostics at LOW level
VPOR to Vth(on) or
Vth(off)
all modules begin to work and the digital part
is initialized
EEPROM defined diagnostic
level
Vth(on) or Vth(off) to
4.5 V
analog output is switched on after power-on
time and represents the measured angle
analog output of the
measured angle without the
specified accuracy
4.5 V to 5.5 V
normal operation where the sensor works with
the specified accuracy
analog output of the
measured angle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com