Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2131 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # LPC2131
Description  Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2131 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button LPC2131 Datasheet HTML 14Page - NXP Semiconductors LPC2131 Datasheet HTML 15Page - NXP Semiconductors LPC2131 Datasheet HTML 16Page - NXP Semiconductors LPC2131 Datasheet HTML 17Page - NXP Semiconductors LPC2131 Datasheet HTML 18Page - NXP Semiconductors LPC2131 Datasheet HTML 19Page - NXP Semiconductors LPC2131 Datasheet HTML 20Page - NXP Semiconductors LPC2131 Datasheet HTML 21Page - NXP Semiconductors LPC2131 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
LPC2131_32_34_36_38_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 16 October 2007
18 of 39
NXP Semiconductors
LPC2131/32/34/36/38
Single-chip 16/32-bit microcontrollers
• Built-in baud rate generator.
• Standard modem interface signals included on UART1. (LPC2134/36/38 only)
• The LPC2131/32/34/36/38 transmission FIFO control enables implementation of
software (XON/XOFF) flow control on both UARTs and hardware (CTS/RTS) flow
control on the LPC2134/36/38 UART1 only.
6.10.2 UART features available in LPC213x/01 only
• Fractional baud rate generator enables standard baud rates such as 115200 to be
achieved with any crystal frequency above 2 MHz.
• Auto-bauding.
• Auto-CTS/RTS flow-control fully implemented in hardware (LPC2134/36/38 only).
6.11 I2C-bus serial I/O controller
The LPC2131/32/34/36/38 each contain two I2C-bus controllers.
The I2C-bus is bidirectional, for inter-IC control using only two wires: a serial clock line
(SCL), and a serial data line (SDA). Each device is recognized by a unique address and
can operate as either a receiver-only device (e.g., an LCD driver or a transmitter with the
capability to both receive and send information (such as memory)). Transmitters and/or
receivers can operate in either master or slave mode, depending on whether the chip has
to initiate a data transfer or is only addressed. The I2C-bus is a multi-master bus, it can be
controlled by more than one bus master connected to it.
This I2C-bus implementation supports bit rates up to 400 kbit/s (Fast I2C).
6.11.1 Features
• Standard I2C compliant bus interface.
• Easy to configure as Master, Slave, or Master/Slave.
• Programmable clocks allow versatile rate control.
• Bidirectional data transfer between masters and slaves.
• Multi-master bus (no central master).
• Arbitration between simultaneously transmitting masters without corruption of serial
data on the bus.
• Serial clock synchronization allows devices with different bit rates to communicate via
one serial bus.
• Serial clock synchronization can be used as a handshake mechanism to suspend and
resume serial transfer.
• The I2C-bus may be used for test and diagnostic purposes.
6.12 SPI serial I/O controller
The LPC2131/32/34/36/38 each contain one SPI controller. The SPI is a full duplex serial
interface, designed to be able to handle multiple masters and slaves connected to a given
bus. Only a single master and a single slave can communicate on the interface during a
given data transfer. During a data transfer the master always sends a byte of data to the
slave, and the slave always sends a byte of data to the master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com