Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2364 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC2364
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2364 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC2364 Datasheet HTML 1Page - NXP Semiconductors LPC2364 Datasheet HTML 2Page - NXP Semiconductors LPC2364 Datasheet HTML 3Page - NXP Semiconductors LPC2364 Datasheet HTML 4Page - NXP Semiconductors LPC2364 Datasheet HTML 5Page - NXP Semiconductors LPC2364 Datasheet HTML 6Page - NXP Semiconductors LPC2364 Datasheet HTML 7Page - NXP Semiconductors LPC2364 Datasheet HTML 8Page - NXP Semiconductors LPC2364 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
1.
General description
The LPC2364/66/68 microcontrollers are based on a 16-bit/32-bit ARM7TDMI-S CPU with
real-time emulation that combines the microcontroller with up to 512 kB of embedded
high-speed flash memory. A 128-bit wide memory interface and a unique accelerator
architecture enable 32-bit code execution at the maximum clock rate. For critical
performance in interrupt service routines and DSP algorithms, this increases performance
up to 30 % over Thumb mode. For critical code size applications, the alternative 16-bit
Thumb mode reduces code by more than 30 % with minimal performance penalty.
The LPC2364/66/68 are ideal for multi-purpose serial communication applications. They
incorporate a 10/100 Ethernet Media Access Controller (MAC), USB full speed device
with 4 kB of endpoint RAM, four UARTs, two CAN channels, an SPI interface, two
Synchronous Serial Ports (SSP), three I2C interfaces, and an I2S interface. This blend of
serial communications interfaces combined with an on-chip 4 MHz internal oscillator,
SRAM of up to 32 kB, 16 kB SRAM for Ethernet, 8 kB SRAM for USB and general
purpose use, together with 2 kB battery powered SRAM make these devices very well
suited for communication gateways and protocol converters. Various 32-bit timers, an
improved 10-bit ADC, 10-bit DAC, one PWM unit, a CAN control unit, and up to 70 fast
GPIO lines with up to 12 edge or level sensitive external interrupt pins make these
microcontrollers particularly suitable for industrial control and medical systems.
2.
Features
I ARM7TDMI-S processor, running at up to 72 MHz.
I Up to 512 kB on-chip flash program memory with In-System Programming (ISP) and
In-Application Programming (IAP) capabilities. Flash program memory is on the ARM
local bus for high performance CPU access.
I 8/32 kB of SRAM on the ARM local bus for high performance CPU access.
I 16 kB SRAM for Ethernet interface. Can also be used as general purpose SRAM.
I 8 kB SRAM for general purpose DMA use also accessible by the USB.
I Dual Advanced High-performance Bus (AHB) system that provides for simultaneous
Ethernet DMA, USB DMA, and program execution from on-chip flash with no
contention between those functions. A bus bridge allows the Ethernet DMA to access
the other AHB subsystem.
I Advanced Vectored Interrupt Controller (VIC), supporting up to 32 vectored interrupts.
I General Purpose AHB DMA controller (GPDMA) that can be used with the SSP serial
interfaces, the I2S port, and the Secure Digital/MultiMediaCard (SD/MMC) card port,
as well as for memory-to-memory transfers.
LPC2364/66/68
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash
with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 02 — 1 October 2007
Preliminary data sheet


Similar Part No. - LPC2364

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2364 PHILIPS-LPC2364 Datasheet
1Mb / 48P
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 01-22 September 2006
LPC2364 NXP-LPC2364 Datasheet
983Kb / 59P
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 06-1 February 2010
LPC2364 NXP-LPC2364 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
LPC2364 NXP-LPC2364 Datasheet
405Kb / 69P
Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 7.1-16 October 2013
LPC2364 NXP-LPC2364 Datasheet
405Kb / 69P
Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 7.1-16 October 2013
More results

Similar Description - LPC2364

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2364 PHILIPS-LPC2364 Datasheet
1Mb / 48P
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 01-22 September 2006
LPC2378 PHILIPS-LPC2378 Datasheet
253Kb / 54P
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 01-6 December 2006
LPC2387 NXP-LPC2387 Datasheet
1Mb / 47P
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev.01.00-6 November 2007
LPC2387 NXP-LPC2387_08 Datasheet
226Kb / 47P
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 02-1 February 2008
LPC2377 NXP-LPC2377 Datasheet
258Kb / 55P
Single-chip 16-bit/32-bit microcontroller; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 04-19 November 2008
LPC2364 NXP-LPC2364_10 Datasheet
983Kb / 59P
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 06-1 February 2010
LPC2377 NXP-LPC2377_10 Datasheet
1Mb / 68P
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash withISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 5-17 June 2010
LPC2364FET100 NXP-LPC2364FET100 Datasheet
405Kb / 69P
Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 7.1-16 October 2013
LPC2365FBD100 NXP-LPC2365FBD100 Datasheet
405Kb / 69P
Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 7.1-16 October 2013
LPC2377 NXP-LPC2377_V01 Datasheet
351Kb / 69P
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 6.1??6 October 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com