Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89CV51RB2FBC Datasheet(PDF) 39 Page - NXP Semiconductors

Part # P89CV51RB2FBC
Description  8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89CV51RB2FBC Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button P89CV51RB2FBC Datasheet HTML 35Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 36Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 37Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 38Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 39Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 40Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 41Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 42Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
P89CV51RB2_RC2_RD2_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 5 October 2007
39 of 73
NXP Semiconductors
P89CV51RB2/RC2/RD2
80C51 with 1 kB RAM, SPI
6.7 Serial Peripheral Interface (SPI)
6.7.1 SPI features
• Master or slave operation
• 10 MHz bit frequency (max)
• LSB first or MSB first data transfer
• Four programmable bit rates
• End of transmission (SPIF)
• Write-collision flag protection (WCOL)
• Wake-up from Idle mode (Slave mode only)
6.7.2 SPI description
The serial peripheral interface allows high-speed synchronous data transfer between the
P89CV51RB2/RC2/RD2 and peripheral devices or between several
P89CV51RB2/RC2/RD2 devices. Figure 16 shows the correspondence between master
and slave SPI devices. The SPICLK pin is the clock output and input for the Master and
Slave modes, respectively. The SPI clock generator will start following a write to the
master devices SPI data register. The written data is then shifted out of the MOSI pin of
the master device into the MOSI pin of the slave device. Following a complete
transmission of one byte of data, the SPI clock generator is stopped and the SPI interrupt
Flag (SPIF) is set. An SPI interrupt request will be generated if the SPI Interrupt Enable bit
(SPIE) and the SPI interrupt enable bit, ES, are both set.
An external master drives the Slave Select input pin (SS) LOW to select the SPI module
as a slave. If SS has not been driven LOW, then the slave SPI unit is not active and the
MOSI pin can also be used as an input port pin.
CPHA and CPOL control the phase and polarity of the SPI clock (SCK). Figure 17 and
Figure 18 show the four possible combinations of these two bits.
Fig 16. SPI master-slave interconnection
002aaa528
8-BIT SHIFT REGISTER
MSB master LSB
SPI
CLOCK GENERATOR
MISO
MISO
MOSI
MOSI
SCK
SCK
SS
SS
8-BIT SHIFT REGISTER
MSB slave LSB
VSS
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com