Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H2C-R Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # H2C-R
Description  Motor Timer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H2C-R Datasheet(HTML) 4 Page - Omron Electronics LLC

  H2C-R Datasheet HTML 1Page - Omron Electronics LLC H2C-R Datasheet HTML 2Page - Omron Electronics LLC H2C-R Datasheet HTML 3Page - Omron Electronics LLC H2C-R Datasheet HTML 4Page - Omron Electronics LLC H2C-R Datasheet HTML 5Page - Omron Electronics LLC H2C-R Datasheet HTML 6Page - Omron Electronics LLC H2C-R Datasheet HTML 7Page - Omron Electronics LLC H2C-R Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
H2C
H2C
4
Dimensions
Note:
All units are in millimeters unless otherwise indicated.
H2C/H2C-R/ H2C-8/H2C-8R
For Flush Mounting
For a load current of 3 A max., dimension L becomes
3 mm min. with an interval of 0 mm between timers.
For a load current of 6 A max., dimension L becomes
8 mm min. with an interval of 5 mm between timers.
H2C-F/H2C-FR
Mounting Holes
Mounting Height of Timer
For a load current of 1 A max., dimension L becomes
10 mm min. with an interval of 0 mm between timers.
For a load current of 3 A max., dimension L becomes
15 mm min. with an interval of 5 mm between timers.
For a load current of 6 A max., dimension L becomes
20 mm min. with an interval of 10 mm between timers.
Two, M4 or 4.5 dia. holes
44.8 x 44.8
Accessories (Order Separately)
Track Mounted/Front Connecting Socket
P2CF-08
Two,
4.5 dia.
holes
Two, 4.5 dia. or
Two, M4
Eight, M3.5 x 7.5
sem
Mounting Holes
Terminal Arrangement
(Top View)
Mounting Height of
Timer with Socket
PF085A
Mounting Holes
Terminal Arrangement
(Top View)
Mounting Height of
Timer with Socket
For a load current of 3 A max., dimen-
sion L becomes 14 mm min. with an in-
terval of 0 mm between timers.
For a load current of 6 A max., dimen-
sion L becomes 19 mm min. with an in-
terval of 5 mm between timers.
Eight, M3.5
' 7sems
Two, 4.5
dia. holes
Two, M4 or 4.5 dia. holes
Top View



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com