Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA0442 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PA0442
Description  HIGH FREQUENCY PLANAR TRANSFORMERS Prism Series (up to 250W)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA0442 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PA0442 Datasheet HTML 1Page - Pulse A Technitrol Company PA0442 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HIGH FREQUENCY PLANAR
TRANSFORMERS
Prism Series (up to 250W)
P604.A (7/04)
1. The above transformers have been tested and approved by
Pulse's IC partners and are cited in the appropriate datasheet
or evaluation board documentation at these companies. To
determine which IC and IC companies are matched with the
above transformers, please refer to the IC cross reference on
the Pulse web page. Other winding configurations are available.
Please contact Pulse Power Applications Engineering for more
information.
2. To determine if the transformer is suitable for your application,
it is necessary to ensure that the temperature rise of the
component (ambieint plus temperature rise) does not exceed
its operating temperature. To determine the approximate tem-
perature rise of the transformer, refer to the graphs below.
Notes from Tables
Temperature Rise vs. Power (W) Dissipation
Total Power (W) Dissipation
Total Power Dissipation (W) = .001 * (DCRprimary * Irms_primary2 + DCRsecondary * Irms_secondary2) + Core Loss (W)
0
20
40
60
80
100
120
01
2
3
4
5
6
7
Core Loss vs. Flux Density
0.0
0.5
1.0
1.5
2.0
2.5
0
500
1000
1500
2000
2500
DB (Gauss)
DB = 120E3 * Vin_min * Dutycycle_max / (Freq_kHz * Pri_Turns)
3.0
100kHz
200kHz
300kHz
400kHz
500kHz
600kHz
700kHz
For More Information :
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
Printed on recycled paper. ©2004, Pulse Engineering, Inc. All Rights Reserved.
UNITED STATES
(Worldwide)
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
http://www.pulseeng.com
TEL: 858 674 8100
FAX: 858 674 8262
UNITED KINGDOM
(Northern Europe)
1 & 2 Huxley Road
The Surrey Research Park
Guildford, Surrey GU2 5RE
United Kingdom
TEL: 44 1483 401700
FAX: 44 1483 401701
FRANCE
(Southern Europe)
Zone Industrielle
F-39270
Orgelet
France
TEL: 33 3 84 35 04 04
FAX: 33 3 84 25 46 41
TAIWAN, R.O.C.
(Northern Asia)
3F-4, No. 81, Sec. 1
HsinTai Wu Road
Hsi-Chih, Taipei Hsien
Taiwan, R.O.C.
Tel: 886 2 2698 0228
FAX: 886 2 2698 0948
SINGAPORE
(Southern Asia)
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
TEL: 65 6287 8998
FAX: 65 6280 0080
HONG KONG
(China/Hong Kong)
9/F, Phase 2, Tai Sang
Shatin Warehouse Centre
6 Wong Chuk Yeung Street
Fotan, Shatin, Hong Kong
TEL: 852 2788 6588
FAX: 852 2776 1055
DISTRIBUTOR



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com