Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8052C25 Datasheet(PDF) 13 Page - SyncMOS Technologies,Inc

Part # SM8052C25
Description  8 - Bit Micro-controller with 4/8KB ROM embedded
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM8052C25 Datasheet(HTML) 13 Page - SyncMOS Technologies,Inc

Back Button SM8052C25 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM8052C25 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM8052C25 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM8052C25 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM8052C25 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM8052C25 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM8052C25 Datasheet HTML 14Page - SyncMOS Technologies,Inc SM8052C25 Datasheet HTML 15Page - SyncMOS Technologies,Inc SM8052C25 Datasheet HTML 16Page - SyncMOS Technologies,Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
May 2001
Specifications subject to change without notice,contact your sales representatives for the most recent information.
13/16
Ver 1.1
SM8051/8052 07/2005
SyncMOS Technologies Inc.
SM8051/80952
40L 600mil PDIP Information
A1
e1
B1
B
L
A
A2
D
S
eA
C
a
E1
E
Note:
1. Dimension D Max & include mold flash or tie bar
2. Dimension E1 does not include inter lead flash.
3. Dimension D & E1 include mold mismatch and are
determined at the mold parting line.
4. Dimension B1 does not include dam bar protrusion/
5. Controlling dimension is inch.
6. General appearance spec. should base on final visual
Symbol
Dimension in inch
minimal/maximal
Dimension in mm
minimal/maximal
A
- / 0.210
- / 5.33
A1
0.010 / -
0.25 / -
A2
0.150 / 0.160
3.81 / 4.06
B
0.016 / 0.022
0.41 / 0.56
B1
0.048 / 0.054
1.22 / 1.37
C
0.008 / 0.014
0.20 / 0.36
D
- / 2.070
- / 52.58
E
0.590 / 0.610
14.99 / 15.49
E1
0.540 / 0.552
13.72 / 14.02
e1
0.090 / 0.110
2.29 / 2.79
L
0.120 / 0.140
3.05 / 3.56
a
0 / 15
0 / 15
eA
0.630 / 0.670
16.00 / 17.02
S
- / 0.090
- / 2.29
burrs.
infusion.
inspection spec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com