Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV103 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAV103
Description  Single general-purpose switching diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAV103 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAV103 Datasheet HTML 1Page - NXP Semiconductors BAV103 Datasheet HTML 2Page - NXP Semiconductors BAV103 Datasheet HTML 3Page - NXP Semiconductors BAV103 Datasheet HTML 4Page - NXP Semiconductors BAV103 Datasheet HTML 5Page - NXP Semiconductors BAV103 Datasheet HTML 6Page - NXP Semiconductors BAV103 Datasheet HTML 7Page - NXP Semiconductors BAV103 Datasheet HTML 8Page - NXP Semiconductors BAV103 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BAV102_BAV103_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 16 August 2007
2 of 10
NXP Semiconductors
BAV102; BAV103
Single general-purpose switching diodes
2.
Pinning information
[1]
The marking band indicates the cathode.
3.
Ordering information
4.
Marking
[1]
green: made in Philippines
5.
Limiting values
Table 3.
Pinning
Pin
Description
Simplified outline
Symbol
1
cathode
[1]
2
anode
ka
006aab040
2
1
Table 4.
Ordering information
Type number
Package
Name
Description
Version
BAV102
-
hermetically sealed glass surface-mounted package;
2 connectors
SOD80C
BAV103
Table 5.
Marking codes
Type number
Marking code[1]
BAV102
marking band
BAV103
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse
voltage
BAV102
-
200
V
BAV103
-
250
V
VR
reverse voltage
BAV102
-
150
V
BAV103
-
200
V
IF
forward current
[1][2] -
250
mA
IFRM
repetitive peak forward
current
-
625
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com