Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF992 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BF992
Description  Silicon N-channel dual gate MOS-FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF992 Datasheet(HTML) 2 Page - NXP Semiconductors

  BF992 Datasheet HTML 1Page - NXP Semiconductors BF992 Datasheet HTML 2Page - NXP Semiconductors BF992 Datasheet HTML 3Page - NXP Semiconductors BF992 Datasheet HTML 4Page - NXP Semiconductors BF992 Datasheet HTML 5Page - NXP Semiconductors BF992 Datasheet HTML 6Page - NXP Semiconductors BF992 Datasheet HTML 7Page - NXP Semiconductors BF992 Datasheet HTML 8Page - NXP Semiconductors BF992 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NXP Semiconductors
Product specification
Silicon N-channel dual gate MOS-FET
BF992
APPLICATIONS
• VHF applications such as VHF television tuners and FM
tuners with 12 V supply voltage. The device is also
suitable for use in professional communications
equipment.
DESCRIPTION
Depletion type field-effect transistor in a plastic
micro-miniature SOT143B package with source and
substrate interconnected.
The transistor is protected against excessive input voltage
surges by integrated back-to-back diodes between gates
and source.
PINNING
CAUTION
The device is supplied in an antistatic package.
The gate-source input must be protected against static
discharge during transport or handling.
PIN
SYMBOL
DESCRIPTION
1
s, b
source
2
d
drain
3g2
gate 2
4g1
gate 1
Fig.1
Simplified outline (SOT143B) and symbol.
Marking code:
%MB.
handbook, halfpage
s,b
d
g
1
g
2
43
2
1
Top view
MAM039
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VDS
drain-source voltage (DC)
−
20
V
ID
drain current (DC)
−
40
mA
Ptot
total power dissipation
Tamb =60 °C
−
200
mW
Yfs
forward transfer admittance
f = 1 kHz; ID = 15 mA; VDS =10V;
VG2-S =4V
25
−
mS
Cig1-s
input capacitance at gate 1
f = 1 MHz; ID = 15 mA; VDS =10V;
VG2-S =4V
4
−
pF
Crs
reverse transfer capacitance
f = 1 MHz; ID = 15 mA; VDS =10V;
VG2-S =4V
30
−
fF
F
noise figure
GS = 2 mS; ID = 15 mA; VDS =10V;
VG2-S = 4 V; f = 200 MHz
1.2
−
dB
Tj
operating junction temperature
−
150
°C
Rev. 04 - 21 November 2007
2 of 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com