Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910.18 Datasheet(PDF) 2 Page - ELMOS Semiconductor AG

Part # 910.18
Description  lin bus transceiver with integrated voltage regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

910.18 Datasheet(HTML) 2 Page - ELMOS Semiconductor AG

  910.18 Datasheet HTML 1Page - ELMOS Semiconductor AG 910.18 Datasheet HTML 2Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Note:
ELMOS Semiconductor AG (below ELMOS) reserves the right to make changes to the product contained in this publication without notice. ELMOS assumes no responsibility for the use of any circuits described
herein, conveys no licence under any patent or other right, and makes no representation that the circuits are free of patent infringement. While the information in this publication has been checked, no responsibility,
however, is assumed for inaccuracies.
ELMOS does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably be expected to cause failure of a life-support system or to
significantly affect its safety or effectiveness. Products are not authorized for use in such applications.
ELMOS Semiconductor AG
ELMOS France S.A.
ELMOS North America, Inc.
Heinrich-Hertz-Str. 1 • 44227 Dortmund • Germany
29, rue des Peupliers • 92752 Nanterre Cedex • France
2747 Albright • Kokomo, Indiana 46902 • USA
Phone: +49 (0) 231 75 49 0 • Fax: +49 (0) 231 75 49 149
Phone: +33 (0) 46 52 59 59 • Fax: +33 (0) 42 42 95 54
Phone: +1 317 491 59 19 • Fax: +1 317 774 89 18
eMail: sales@elmos.de • Internet: www.elmos.de
eMail: sales-int@elmos.de • Internet: www.elmos.de
eMail: sales-int@elmos.de • Internet: www.elmosna.com
Copyright © 2004 ELMOS: Reproduction, in part or whole, without the prior written consent of ELMOS, is prohibited.
ELMOS Product catalog 10/2004 | 9
BUS ICs
package
SO 16w
pinning
Pin
Name
Description
1
VS
Positive supply voltage
2
EN
Enable input for VDD
3
VTR
Reset time and threshold select
4
GND
Ground
5
GND
Ground
6
BUS
Send / receive pin
7
SI
Universal comparator input
8
SO
Universal comparator digital output
9
NC
Not connected
10
RxD
Serial data from IC to µC
11
TxD
Serial data from µC to IC
12
GND
Ground
13
TEST
For test only. Connect to GND
14
RESET
Reset output, active Low
15
SENSE
Input voltage monitor
16
VDD
Output 5V /100mA
lin bus transceiver
910.18
with integrated voltage regulator
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VS
EN
VTR
GND
GND
BUS
SI
SO
VDD
SENSE
RESET
TEST
GND
TxD
RxD
NC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com