Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MATRIX-P Datasheet(PDF) 2 Page - SOVICO corp.

Part # MATRIX-P
Description  Power Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.

MATRIX-P Datasheet(HTML) 2 Page - SOVICO corp.

  MATRIX-P Datasheet HTML 1Page - SOVICO corp. MATRIX-P Datasheet HTML 2Page - SOVICO corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Matrix P
Power Amplifier
2020.12
Copyright © SOVICO Professional all rights reserved.
※ 본 규격 및 성능은 예고 없이 당사 사정에 따라 일부 약간의 변동이 있을 수 있습니다.
General
Matrix P
le
n
n
a
h
c
8
le
n
n
a
h
C
fo
re
b
m
u
N
Maximum output power
4
8
100V
-
h
c
8
*
W
0
4
1
h
c
8
*
W
0
4
1
o
e
re
t
S
-
240W*4ch(RL=33Ω)
250W*4ch
-
e
g
di
r
B
-
Audio performance
Voltage Gain, Stereo
Voltage Gain, Bridged
Frequency Response
Signal to Noise
Output Circuitry
Input sensitivity
Channel seperation(Cross talk)
Maximun input level
THD+N
Tehermal
Operating temperature
Protection Circuit
Front panel
Rear panel
Output connector
Detachable mains cord
Control&Monitoring interface
Analog attenuator
Bridge mode
Status / Active
AC Mains power
Power requirement
Power consumtion
Physical
Net dimension
Shipping dimension
Weight(Net / Shipping)
440(17.3) x 44(1.7) x 300.5(11.8) mm(Inch) [WxHxD]
550(21.6) x 400(15.7) x 250(9.8) mm(Inch) [WxHxD]
4.4kg(9.7lb) / 12.07kg(26.6lb)
85
Stand-by : Red
- Amp link RJ45 x 2ea
- 3.5mm Terminal block 12pin x 2ea (Green)
RJ45 via ethernet for Network Monitoring System
Standard IEC (C13) 16A Max
5mm Terminal block 4pin x 4ea(Orange)
3.5mm Terminal block 4pin x 1ea (Green)
On/Off switch (1/2ch, 3/4ch, 5/6ch, 7/8ch) x 4ea
Rotary encoder x 8ea
220W
Universal Power Supply 100~240VAC, 50~60Hz with active power factor correction(PFC)
Input connector
26.8dB
32.7dB
20Hz ~ 20kHz (+/- 0dB)
110dB
Class D
+2.2dBu
95dB
±15V
0.01%
0~60
Power : Blue
Signal / Clip / Protection : Green / Orange / Red
LED indicatior



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com