Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC573 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74ALVC573
Description  Octal D-type transparent latch; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC573 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74ALVC573 Datasheet HTML 5Page - NXP Semiconductors 74ALVC573 Datasheet HTML 6Page - NXP Semiconductors 74ALVC573 Datasheet HTML 7Page - NXP Semiconductors 74ALVC573 Datasheet HTML 8Page - NXP Semiconductors 74ALVC573 Datasheet HTML 9Page - NXP Semiconductors 74ALVC573 Datasheet HTML 10Page - NXP Semiconductors 74ALVC573 Datasheet HTML 11Page - NXP Semiconductors 74ALVC573 Datasheet HTML 12Page - NXP Semiconductors 74ALVC573 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
74ALVC573_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 26 October 2007
9 of 17
NXP Semiconductors
74ALVC573
Octal D-type transparent latch; 3-state
11. Waveforms
Measurement points are given in Table 8.
VOL and VOH are the typical output voltage levels that occur with the output load.
Fig 8.
Input Dn to output Qn propagation delay times
mna811
Dn input
Qn output
tPHL
tPLH
GND
VI
VM
VM
VOH
VOL
Table 8.
Measurement points
Supply voltage VCC
VM
Output
VX
VY
1.65 V to 1.95 V
0.5VCC
VOL + 0.15 V
VOH − 0.15 V
2.3 V to 2.7 V
0.5VCC
VOL + 0.15 V
VOH − 0.15 V
2.7 V
1.5 V
VOL + 0.3 V
VOH − 0.3 V
3.0 V to 3.6 V
1.5 V
VOL + 0.3 V
VOH − 0.3 V
Measurement points are given in Table 8.
VOL and VOH are the typical output voltage levels that occur with the output load.
Fig 9.
Latch enable (LE) pulse width and latch enable input to output (Qn) propagation delays
mna812
LE input
Qn output
tPHL
tPLH
tW
1/fmax
VM
VOH
VI
GND
VOL
VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com