Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1822Z/T Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # DS1822Z/T
Description  Econo 1-Wire Digital Thermometer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1822Z/T Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button DS1822Z/T Datasheet HTML 13Page - Maxim Integrated Products DS1822Z/T Datasheet HTML 14Page - Maxim Integrated Products DS1822Z/T Datasheet HTML 15Page - Maxim Integrated Products DS1822Z/T Datasheet HTML 16Page - Maxim Integrated Products DS1822Z/T Datasheet HTML 17Page - Maxim Integrated Products DS1822Z/T Datasheet HTML 18Page - Maxim Integrated Products DS1822Z/T Datasheet HTML 19Page - Maxim Integrated Products DS1822Z/T Datasheet HTML 20Page - Maxim Integrated Products DS1822Z/T Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
DS1822
18 of 21
DS1822 OPERATION EXAMPLE 1
In this example there are multiple DS1822s on the bus and they are using parasite power. The bus master
initiates a temperature conversion in a specific DS1822 and then reads its scratchpad and recalculates the
CRC to verify the data.
MASTER MODE
DATA (LSB FIRST)
COMMENTS
TX
Reset
Master issues reset pulse.
RX
Presence
DS1822s respond with presence pulse.
TX
55h
Master issues Match ROM command.
TX
64-bit ROM code
Master sends DS1822 ROM code.
TX
44h
Master issues Convert T command.
TX
DQ line held high by
strong pullup
Master applies strong pullup to DQ for the duration of the
conversion (tconv).
TX
Reset
Master issues reset pulse.
RX
Presence
DS1822s respond with presence pulse.
TX
55h
Master issues Match ROM command.
TX
64-bit ROM code
Master sends DS1822 ROM code.
TX
BEh
Master issues Read Scratchpad command.
RX
9 data bytes
Master reads entire scratchpad including CRC. The master
then recalculates the CRC of the first eight data bytes from the
scratchpad and compares the calculated CRC with the read
CRC (byte 9). If they match, the master continues; if not, the
read operation is repeated.
DS1822 OPERATION EXAMPLE 2
In this example there is only one DS1822 on the bus and it is using parasite power. The master writes to
the TH, TL, and configuration registers in the DS1822 scratchpad and then reads the scratchpad and
recalculates the CRC to verify the data. The master then copies the scratchpad contents to EEPROM.
MASTER MODE
DATA (LSB FIRST)
COMMENTS
TX
Reset
Master issues reset pulse.
RX
Presence
DS1822 responds with presence pulse.
TX
CCh
Master issues Skip ROM command.
TX
4Eh
Master issues Write Scratchpad command.
TX
3 data bytes
Master sends three data bytes to scratchpad (TH, TL, and config).
TX
Reset
Master issues reset pulse.
RX
Presence
DS1822 responds with presence pulse.
TX
CCh
Master issues Skip ROM command.
TX
BEh
Master issues Read Scratchpad command.
RX
9 data bytes
Master reads entire scratchpad including CRC. The master then
recalculates the CRC of the first eight data bytes from the
scratchpad and compares the calculated CRC with the read CRC
(byte 9). If they match, the master continues; if not, the read
operation is repeated.
TX
Reset
Master issues reset pulse.
RX
Presence
DS1822 responds with presence pulse.
TX
CCh
Master issues Skip ROM command.
TX
48h
Master issues Copy Scratchpad command.
TX
DQ line held high by
strong pullup
Master applies strong pullup to DQ for at least 10ms while copy
operation is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com