Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-R2132N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BL-R2132N
Description  Lens Appearance : Green Diffused
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BL-R2132N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BL-R2132N Datasheet HTML 1Page - List of Unclassifed Manufacturers BL-R2132N Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--R
R2
21
13
32
2N
N
Ver.1.0 Page: 1 of 2
SINCE 1981
5.0(.197)
0.5(.02)
SQ. TYP.
NOM.
2.54(.10)
1.5(.059)
MAX.
25.4(1.0) MIN.
7.0(.276)
1.0(.039) MIN.
1.9(.075)
5.05(.198)
2.0(.079)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (0.01”) unless otherwise specified.
3. Lead spacing is measured where the leads emerge from
the package.
4. Specifications are subject to change without notice.
● Features:
● Package dimensions
1. Chip material: GaP /GaP
2. Emitted color : Green
3. Lens Appearance : Green Diffused
4. Low power consumption.
5. Most suitable for use like level indicator.
6. Excellent uniformity of light emittance.
7. Long life solid state reliability.
8. Compatible.
9. This product don’t contained restriction
substance, compliance ROHS standard.
● Applications:
1. TV set
2. Monitor
3. Telephone
4. Computer
5. Circuit board
● Absolute maximum ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
80
mW
Forward Current
IF
30
mA
Peak Forward Current*1
IFP
150
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40℃~80℃
Storage Temperature
Tstg
-40℃~85℃
Soldering Temperature
Tsol
260℃(for 5 seconds)
*1Condition for IFP is pulse of 1/10 duty and 0.1msec width.
1.1


Similar Part No. - BL-R2132N

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-R2132N BRIGHT-BL-R2132N Datasheet
277Kb / 5P
LED LAMPS
More results

Similar Description - BL-R2132N

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
G60-PA-9W-W6-E27 HB-G60-PA-9W-W6-E27 Datasheet
515Kb / 2P
Lens Appearance
G60-PA-12W-W6-E27 HB-G60-PA-12W-W6-E27 Datasheet
515Kb / 2P
Lens Appearance
G60-9W-W3-E27 HB-G60-9W-W3-E27 Datasheet
353Kb / 2P
Lens Appearance
G60-9W-W6-E27 HB-G60-9W-W6-E27 Datasheet
354Kb / 2P
Lens Appearance
GU60-5W-W3-E27 HB-GU60-5W-W3-E27 Datasheet
344Kb / 2P
Lens Appearance
MR16-36PCS-W6-GU10 HB-MR16-36PCS-W6-GU10 Datasheet
1Mb / 2P
Lens Appearance
STR2-16G-130 HB-STR2-16G-130 Datasheet
54Kb / 2P
Lens Appearance
MR16-3.5W-W3-E27 HB-MR16-3.5W-W3-E27 Datasheet
200Kb / 1P
Lens Appearance
MR16-3.5W-W3-GU10 HB-MR16-3.5W-W3-GU10 Datasheet
261Kb / 1P
Lens Appearance
MR16-3.5W-W6-GU10 HB-MR16-3.5W-W6-GU10 Datasheet
261Kb / 1P
Lens Appearance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com