Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26503LN Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS26503LN
Description  T1/E1/J1 BITS Element
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26503LN Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS26503LN Datasheet HTML 1Page - Maxim Integrated Products DS26503LN Datasheet HTML 2Page - Maxim Integrated Products DS26503LN Datasheet HTML 3Page - Maxim Integrated Products DS26503LN Datasheet HTML 4Page - Maxim Integrated Products DS26503LN Datasheet HTML 5Page - Maxim Integrated Products DS26503LN Datasheet HTML 6Page - Maxim Integrated Products DS26503LN Datasheet HTML 7Page - Maxim Integrated Products DS26503LN Datasheet HTML 8Page - Maxim Integrated Products DS26503LN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 122 page
background image
DS26503 T1/E1/J1 BITS Element
TABLE OF CONTENTS
1.
FEATURES ....................................................................................................................................7
1.1
GENERAL .....................................................................................................................................7
1.2
LINE INTERFACE ...........................................................................................................................7
1.3
JITTER ATTENUATOR (T1/E1 MODES ONLY) ..................................................................................7
1.4
FRAMER/FORMATTER ...................................................................................................................8
1.5
TEST AND DIAGNOSTICS ...............................................................................................................8
1.6
CONTROL PORT............................................................................................................................8
2.
SPECIFICATIONS COMPLIANCE.................................................................................................9
3.
BLOCK DIAGRAMS.....................................................................................................................11
4.
PIN FUNCTION DESCRIPTION...................................................................................................14
4.1
TRANSMIT PLL ...........................................................................................................................14
4.2
TRANSMIT SIDE ..........................................................................................................................14
4.3
RECEIVE SIDE ............................................................................................................................15
4.4
CONTROLLER INTERFACE............................................................................................................16
4.5
JTAG.........................................................................................................................................21
4.6
LINE INTERFACE .........................................................................................................................21
4.7
POWER ......................................................................................................................................22
5.
PINOUT ........................................................................................................................................23
6.
HARDWARE CONTROLLER INTERFACE .................................................................................26
6.1
TRANSMIT CLOCK SOURCE .........................................................................................................26
6.2
INTERNAL TERMINATION..............................................................................................................26
6.3
LINE BUILD-OUT .........................................................................................................................27
6.4
RECEIVER OPERATING MODES....................................................................................................27
6.5
TRANSMITTER OPERATING MODES..............................................................................................28
6.6
MCLK PRE-SCALER ...................................................................................................................28
6.7
OTHER HARDWARE CONTROLLER MODE FEATURES ....................................................................29
7.
PROCESSOR INTERFACE .........................................................................................................30
7.1
PARALLEL PORT FUNCTIONAL DESCRIPTION................................................................................30
7.2
SPI SERIAL PORT INTERFACE FUNCTIONAL DESCRIPTION............................................................30
7.2.1
Clock Phase and Polarity......................................................................................................30
7.2.2
Bit Order................................................................................................................................30
7.2.3
Control Byte ..........................................................................................................................30
7.2.4
Burst Mode............................................................................................................................30
7.2.5
Register Writes .....................................................................................................................31
7.2.6
Register Reads .....................................................................................................................31
7.3
REGISTER MAP...........................................................................................................................32
7.3.1
Power-Up Sequence.............................................................................................................34
7.3.2
Test Reset Register ..............................................................................................................34
7.3.3
Mode Configuration Register ................................................................................................35
7.4
INTERRUPT HANDLING ................................................................................................................38
7.5
STATUS REGISTERS....................................................................................................................38
7.6
INFORMATION REGISTERS...........................................................................................................39
7.7
INTERRUPT INFORMATION REGISTERS .........................................................................................39
8.
T1 FRAMER/FORMATTER CONTROL REGISTERS .................................................................40
8.1
T1 CONTROL REGISTERS............................................................................................................40
2 of 122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com