Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G10GM Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC1G10GM
Description  Single 3-input NAND gate
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G10GM Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC1G10GM Datasheet HTML 1Page - NXP Semiconductors 74LVC1G10GM Datasheet HTML 2Page - NXP Semiconductors 74LVC1G10GM Datasheet HTML 3Page - NXP Semiconductors 74LVC1G10GM Datasheet HTML 4Page - NXP Semiconductors 74LVC1G10GM Datasheet HTML 5Page - NXP Semiconductors 74LVC1G10GM Datasheet HTML 6Page - NXP Semiconductors 74LVC1G10GM Datasheet HTML 7Page - NXP Semiconductors 74LVC1G10GM Datasheet HTML 8Page - NXP Semiconductors 74LVC1G10GM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74LVC1G10_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 2 October 2007
2 of 14
NXP Semiconductors
74LVC1G10
Single 3-input NAND gate
3.
Ordering information
4.
Marking
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC1G10GW
−40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74LVC1G10GV
−40 °C to +125 °C
SC-74
plastic surface-mounted package (TSOP6); 6 leads
SOT457
74LVC1G10GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package;
no leads; 6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
74LVC1G10GF
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package;
no leads; 6 terminals; body 1
× 1 × 0.5 mm
SOT891
Table 2.
Marking
Type number
Marking code
74LVC1G10GW
YM
74LVC1G10GV
YM
74LVC1G10GM
YM
74LVC1G10GF
YM
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram
001aag686
3
B
6
C
1
A
Y
4
001aag687
&
1
34
6
001aag688
BY
A
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com