Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36034-0000-R1-2 Datasheet(PDF) 4 Page - Kontron

Part # 36034-0000-R1-2
Description  COM Express® Compact Type 6 with Intel Atom® x6000E
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

36034-0000-R1-2 Datasheet(HTML) 4 Page - Kontron

  36034-0000-R1-2 Datasheet HTML 1Page - Kontron 36034-0000-R1-2 Datasheet HTML 2Page - Kontron 36034-0000-R1-2 Datasheet HTML 3Page - Kontron 36034-0000-R1-2 Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
COMe-cEL6 (E2)
Global Headquarters
Kontron Europe GmbH
Gutenbergstraße 2
85737 Ismaning, Germany
Tel.: + 49 821 4086-0
info@kontron.com
www.kontron.com
Cooling
Memory
ARTICLE
PART NO.
DESCRIPTION
HSP COMe-cEL6 (E2) THREADED
36034-0000-99-0
Heatspreader for COMe-cEL6 commercial and E2, threaded mounting holes
HSP COMe-cEL6 (E2) THROUGH
36034-0000-99-1
Heatspreader for COMe-cEL6 commercial and E2, through holes
COME ACTIVE UNI COOLER
(W/O HSP)
36099-0000-99-0
COM Express® Universal Active Cooler for Heatspreader Mounting (87x78x14.3
mm) (for CPU’s <20 W)
COME PASSIVE UNI COOLER
(W/O HSP)
36099-0000-99-1
COM Express® Universal Passive Cooler for Heatspreader Mounting
(87x78x14.3 mm)
COME PASSIVE UNI COOLER2
SLIM (W/O HSP)
36099-0000-99-3
COM Express® Universal Passive Cooler low profile for
Heatspreader Mounting (95x95x10 mm) 90° fin direction mounting option
PART NO.
MIN. SPEC.
SIZE
ECC
OP. TEMPERATURE
97020-0432-CEL6
DDR4-3200
4 GByte
No ECC
0 °C to +60 °C
97020-0832-CEL6
DDR4-3200
8 GByte
No ECC
0 °C to +60 °C
97020-1632-CEL6
DDR4-3200
16 GByte
No ECC
0 °C to +60 °C
97021-0432-CEL6
DDR4-3200
4 GByte
No ECC
-40 °C to +85 °C
97021-0832-CEL6
DDR4-3200
8 GByte
No ECC
-40 °C to +85 °C
97021-1632-CEL6
DDR4-3200
16 GByte
No ECC
-40 °C to +85 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com