Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36034-0000-R2-4 Datasheet(PDF) 2 Page - Kontron

Part # 36034-0000-R2-4
Description  COM Express® Compact Type 6 with Intel Atom® x6000E
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

36034-0000-R2-4 Datasheet(HTML) 2 Page - Kontron

  36034-0000-R2-4 Datasheet HTML 1Page - Kontron 36034-0000-R2-4 Datasheet HTML 2Page - Kontron 36034-0000-R2-4 Datasheet HTML 3Page - Kontron 36034-0000-R2-4 Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.kontron.com
COMe-cEL6 (E2)
Technical Information
COMPLIANCE
COM Express® compact Pin-out Type 6
DIMENSIONS (H x W)
95 mm x 95 mm
CPU
Intel Atom® x6000E Series, Pentium® and Celeron® Processors
For details see table (CPU variants) given below
CHIPSET
-
MAIN MEMORY
Up to 32 GByte DDR4-3200 via 2x SODIMM sockets (In-Band ECC)
GRAPHICS CONTROLLER
SOC: Intel® HD Gfx Gen11: 1x LVDS/eDP (3840 x 2160 @ 60 Hz) 2x DP (++) on DDI1/DDI2 up to 4K
ETHERNET CONTROLLER
SOC + LAN PHY GPY115 (GPY215 on request)
ETHERNET
1GBit Ethernet (2.5GBit on request with GPY215)
STORAGE
2x SATA 6Gb/s
FLASH ONBOARD
eMMC option – up to 256 GByte
PCI EXPRESS®
6x PCIe Gen 3.0 lanes - PCIe lane configurations: 1 x4 /2 x2 / 4 x1 + 1 x2 / 2 x1
DISPLAY
DDI 1/2: DP++, LVDS: Dual Channel up to 48-bit or eDP on request
USB
Default: 2x USB 3.1 (incl. USB 2.0) + 6x USB 2.0
Option: 4x USB 3.1 (incl. USB 2.0) + 4x USB 2.0
USB 2.0 port7 does support dual role (Client/Host)
SERIAL
2x serial interface (RX/TX only), optional CAN
AUDIO
Intel® High Definition Audio
OTHERS FEATURES
SPI, LPC, SMB, Fast I²C, Staged Watchdog, RTC
SPECIAL FEATURES
Industrial grade temperature
FEATURES ON REQUEST
eMMC Flash configuration (up to 84 GByte pSLC, up to 256 GByte TLC)
eDP instead of LVDS
General Purpose SPI instead of Boot SPI
eSPI instead of LPC to the COMe connector
4x USB3.1 w/ add USB-Hub instead of 2x USB 3.1
USB client, Trusted Platform Module TPM 2.0, de-populated LAN PHY
POWER MANAGEMENT
ACPI 6.0
POWER SUPPLY
8.5 V – 20 V Wide Range, Single Supply Power
BIOS
AMI Aptio V
OPERATING SYSTEM
Windows®10, Linux, VxWorks
TEMPERATURE
COMe-cEL6- commercial temperature: 0 °C to +60 °C operating, -30 °C to +85 °C non-operating
COMe-cEL6 E2 - industrial temperature: -40 to +85 °C operating, -40 °C to +85 °C non-operating
HUMIDITY
93 % relative Humidity at 40 °C, non-condensing (according to IEC 60068-2-78)
Block Diagram
2x
CAN
GP
SPI
RSVD
PCIe #5
eDP
SGMII
DDR4 3200 MT/s
SODIMM
USBSS #0
(USB 3.0)
LVDS
PwrCtrl
SysMgmt
eSPI
SPI
DP++
DDI2
DP++
DDI1
PCIe #0-4
LAN
SATA0
SATA1
HDA
eMMC
Intel Atom® x6000(R)E,
Pentium® and
Celeron® Series
Connector
Option
Standard
component
eMMC
HWM
COM Express® connector CD – Pin-out Type 6
DDR4 3200 MT/s
SODIMM
Intel
GPY115
(GPY215)
PWM
FAN1
I2C
SMB
LID
Sleep
LVDS
GPIO
Embedded Controller
HWM
CPU FAN0
Power sequencing
Watchdog
eSPI2I2C
I2C
EEPROM
Gen11
iGFX
SPI
BIOS Flash
GPIO
Ctrl
Mgmt
GPIO Buffer
eDP2LVDS
COM Express® connector AB – Pin-out Type 6
USB #0-7
(USB 2.0)
USB 3.1
(HSIO: #0,1)
USB 2.0
(Host)
TPM 2.0
SATA
(HSIO #10,11)
TPM
USBSS #1-3
(USB 3.0)
USB Hub
USBSS #1
(USB 3.0)
LAN
(HSIO #7)
PCIe #0-4
(HSIO: #2-6
SATA
alternatively
conf. as
GbE
GbE
Misc
Signals
LPC
(eSPI)
2x
UART
PCIe #5
(HSIO: #8)
SER0
SER1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com