Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G02DP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC2G02DP
Description  Dual 2-input NOR gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G02DP Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC2G02DP Datasheet HTML 1Page - NXP Semiconductors 74LVC2G02DP Datasheet HTML 2Page - NXP Semiconductors 74LVC2G02DP Datasheet HTML 3Page - NXP Semiconductors 74LVC2G02DP Datasheet HTML 4Page - NXP Semiconductors 74LVC2G02DP Datasheet HTML 5Page - NXP Semiconductors 74LVC2G02DP Datasheet HTML 6Page - NXP Semiconductors 74LVC2G02DP Datasheet HTML 7Page - NXP Semiconductors 74LVC2G02DP Datasheet HTML 8Page - NXP Semiconductors 74LVC2G02DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
74LVC2G02_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 4 September 2007
3 of 15
NXP Semiconductors
74LVC2G02
Dual 2-input NOR gate
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 4.
Pin configuration TSSOP8 and VSSOP8
74LVC2G02
1A
VCC
1B
1Y
2Y
2B
GND
2A
001aab642
1
2
3
4
6
5
8
7
Fig 5.
Pin configuration XSON8
Fig 6.
Pin configuration XQFN8
74LVC2G02
2B
1Y
VCC
2A
2Y
1B
1A
GND
001aab643
36
27
18
45
Transparent top view
001aae971
1B
2B
1A
2Y
1Y
2A
Transparent top view
3
6
1
5
7
2
terminal 1
index area
74LVC2G02
Table 3.
Pin description
Symbol
Pin
Description
TSSOP8, VSSOP8
XSON8
XQFN8
1A
1
1
7
data input
1B
2
2
6
data input
2Y
3
3
5
data output
GND
444ground (0 V)
2A
5
5
3
data input
2B
6
6
2
data input
1Y
7
7
1
data output
VCC
8
8
8
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com