Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G126DP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC2G126DP
Description  Dual bus buffer/line driver; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G126DP Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC2G126DP Datasheet HTML 1Page - NXP Semiconductors 74LVC2G126DP Datasheet HTML 2Page - NXP Semiconductors 74LVC2G126DP Datasheet HTML 3Page - NXP Semiconductors 74LVC2G126DP Datasheet HTML 4Page - NXP Semiconductors 74LVC2G126DP Datasheet HTML 5Page - NXP Semiconductors 74LVC2G126DP Datasheet HTML 6Page - NXP Semiconductors 74LVC2G126DP Datasheet HTML 7Page - NXP Semiconductors 74LVC2G126DP Datasheet HTML 8Page - NXP Semiconductors 74LVC2G126DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
74LVC2G126_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 7 September 2007
5 of 16
NXP Semiconductors
74LVC2G126
Dual bus buffer/line driver; 3-state
10. Static characteristics
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground 0 V).
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
Tamb = −40 °C to +85 °C
VIH
HIGH-level input voltage
VCC = 1.65 V to 1.95 V
0.65VCC
--
V
VCC = 2.3 V to 2.7 V
1.7
-
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
V
VCC = 4.5 V to 5.5 V
0.7VCC
--
V
VIL
LOW-level input voltage
VCC = 1.65 V to 1.95 V
-
-
0.35VCC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
V
VCC = 4.5 V to 5.5 V
-
-
0.3VCC
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 100 µA; VCC = 1.65 V to 5.5 V
-
-
0.1
V
IO = 4 mA; VCC = 1.65 V
-
-
0.45
V
IO = 8 mA; VCC = 2.3 V
-
-
0.3
V
IO = 12 mA; VCC = 2.7 V
-
-
0.4
V
IO = 24 mA; VCC = 3.0 V
-
-
0.55
V
IO = 32 mA; VCC = 4.5 V
-
-
0.55
V
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = −100 µA; VCC = 1.65 V to 5.5 V
VCC − 0.1
-
-
V
IO = −4 mA; VCC = 1.65 V
1.2
-
-
V
IO = −8 mA; VCC = 2.3 V
1.9
-
-
V
IO = −12 mA; VCC = 2.7 V
2.2
-
-
V
IO = −24 mA; VCC = 3.0 V
2.3
-
-
V
IO = −32 mA; VCC = 4.5 V
3.8
-
-
V
II
input leakage current
VI = 5.5 V or GND; VCC = 0 V to 5.5 V
-
±0.1
±5
µA
IOZ
OFF-state output current
VI = VIH or VIL; VO = 5.5 V or GND;
VCC = 3.6 V
-
±0.1
±10
µA
IOFF
power-off leakage current
VI or VO = 5.5 V; VCC =0 V
-
±0.1
±10
µA
ICC
supply current
VI = 5.5 V or GND;
VCC = 1.65 V to 5.5 V; IO =0A
-
0.1
10
µA
∆ICC
additional supply current
per pin; VI =VCC − 0.6 V; IO =0A;
VCC = 2.3 V to 5.5 V
-
5
500
µA
CI
input capacitance
-
2
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com