Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G241DC Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC2G241DC
Description  Dual buffer/line driver; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G241DC Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC2G241DC Datasheet HTML 3Page - NXP Semiconductors 74LVC2G241DC Datasheet HTML 4Page - NXP Semiconductors 74LVC2G241DC Datasheet HTML 5Page - NXP Semiconductors 74LVC2G241DC Datasheet HTML 6Page - NXP Semiconductors 74LVC2G241DC Datasheet HTML 7Page - NXP Semiconductors 74LVC2G241DC Datasheet HTML 8Page - NXP Semiconductors 74LVC2G241DC Datasheet HTML 9Page - NXP Semiconductors 74LVC2G241DC Datasheet HTML 10Page - NXP Semiconductors 74LVC2G241DC Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
74LVC2G241_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 5 October 2007
7 of 17
NXP Semiconductors
74LVC2G241
Dual buffer/line driver; 3-state
11. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground 0 V); for test circuit see Figure 9.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay nA to nY; see Figure 6
[2]
VCC = 1.65 V to 1.95 V
1.0
4.5
8.8
1.0
11.0
ns
VCC = 2.3 V to 2.7 V
0.5
2.8
4.9
0.5
6.3
ns
VCC = 2.7 V
1.0
2.8
4.7
1.0
5.9
ns
VCC = 3.0 V to 3.6 V
0.5
2.6
4.3
0.5
5.4
ns
VCC = 4.5 V to 5.5 V
0.5
2.1
3.7
0.5
4.6
ns
ten
enable time
1OE to 1Y; see Figure 7
[3]
VCC = 1.65 V to 1.95 V
1.5
5.2
9.9
1.5
12.4
ns
VCC = 2.3 V to 2.7 V
1.0
3.1
5.6
1.0
7.0
ns
VCC = 2.7 V
1.5
3.2
5.5
1.5
6.9
ns
VCC = 3.0 V to 3.6 V
0.5
2.7
4.7
0.5
5.9
ns
VCC = 4.5 V to 5.5 V
0.5
2.0
3.8
0.5
4.8
ns
2OE to 2Y; see Figure 7
[3]
VCC = 1.65 V to 1.95 V
1.0
4.3
8.8
1.0
11.0
ns
VCC = 2.3 V to 2.7 V
1.0
2.7
4.7
1.0
5.9
ns
VCC = 2.7 V
1.0
2.7
4.6
1.0
5.8
ns
VCC = 3.0 V to 3.6 V
1.0
2.5
4.1
1.0
5.1
ns
VCC = 4.5 V to 5.5 V
0.5
1.9
3.3
0.5
4.1
ns
tdis
disable time
1OE to 1Y; see Figure 7
[4]
VCC = 1.65 V to 1.95 V
1.0
3.2
11.6
1.0
14.1
ns
VCC = 2.3 V to 2.7 V
0.5
2.2
5.8
0.5
7.6
ns
VCC = 2.7 V
1.0
2.8
4.6
1.0
5.9
ns
VCC = 3.0 V to 3.6 V
1.0
2.6
4.4
1.0
5.7
ns
VCC = 4.5 V to 5.5 V
0.5
2.0
3.4
0.5
4.6
ns
2OE to 2Y; see Figure 7
[4]
VCC = 1.65 V to 1.95 V
1.0
3.6
12.5
1.0
15.2
ns
VCC = 2.3 V to 2.7 V
0.5
2.0
5.2
0.5
6.9
ns
VCC = 2.7 V
1.5
3.2
4.9
1.5
6.3
ns
VCC = 3.0 V to 3.6 V
1.0
2.8
4.2
1.0
5.4
ns
VCC = 4.5 V to 5.5 V
0.5
2.0
3.3
0.5
4.4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com