Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC3G04DP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC3G04DP
Description  Triple inverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3G04DP Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC3G04DP Datasheet HTML 1Page - NXP Semiconductors 74LVC3G04DP Datasheet HTML 2Page - NXP Semiconductors 74LVC3G04DP Datasheet HTML 3Page - NXP Semiconductors 74LVC3G04DP Datasheet HTML 4Page - NXP Semiconductors 74LVC3G04DP Datasheet HTML 5Page - NXP Semiconductors 74LVC3G04DP Datasheet HTML 6Page - NXP Semiconductors 74LVC3G04DP Datasheet HTML 7Page - NXP Semiconductors 74LVC3G04DP Datasheet HTML 8Page - NXP Semiconductors 74LVC3G04DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
74LVC3G04_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 5 October 2007
2 of 15
NXP Semiconductors
74LVC3G04
Triple inverter
3.
Ordering information
4.
Marking
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature
range
Name
Description
Version
74LVC3G04DP
−40 °C to +125 °C
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
74LVC3G04DC
−40 °C to +125 °C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74LVC3G04GT
−40 °C to +125 °C
XSON8
plastic extremely thin small outline package; no leads;
8 terminals; body 1
× 1.95 × 0.5 mm
SOT833-1
74LVC3G04GM
−40 °C to +125 °C
XQFN8
plastic extremely thin quad flat package; no leads;
8 terminals; body 1.6
× 1.6 × 0.5 mm
SOT902-1
Table 2.
Marking
Type number
Marking code
74LVC3G04DP
V04
74LVC3G04DC
V04
74LVC3G04GT
V04
74LVC3G04GM
V04
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one driver)
mna720
1A
1Y
17
2A
2Y
35
3A
3Y
62
7
1
1
1
5
3
mna721
1
2
6
mna110
A
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com