Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4987AE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4987AE
Description  Overvoltage-Protection Controller with USB ESD Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4987AE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4987AE Datasheet HTML 1Page - Maxim Integrated Products MAX4987AE Datasheet HTML 2Page - Maxim Integrated Products MAX4987AE Datasheet HTML 3Page - Maxim Integrated Products MAX4987AE Datasheet HTML 4Page - Maxim Integrated Products MAX4987AE Datasheet HTML 5Page - Maxim Integrated Products MAX4987AE Datasheet HTML 6Page - Maxim Integrated Products MAX4987AE Datasheet HTML 7Page - Maxim Integrated Products MAX4987AE Datasheet HTML 8Page - Maxim Integrated Products MAX4987AE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Overvoltage-Protection Controller
with USB ESD Protection
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = +2.2V to +28V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VIN = +5V and TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
IN ............................................................................-0.3V to +30V
OUT.............................................................-0.3V to +(IN + 0.3V)
VCC, EN, ACOK, CD+, CD- ......................................-0.3V to +6V
Continuous Power Dissipation (TA = +70°C) for multilayer board:
8-Pin TDFN (derate 16.7mW/°C above +70°C) .........1333mW
Package Junction-to-Ambient Thermal Resistance
(
θJA) (Note 1) ................................................................60.0°C/W
Package Junction-to-Case Thermal Resistance
(
θJC) (Note 1) ................................................................10.8°C/W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering) .........................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG SWITCH
Input-Voltage Range
VIN
2.2
28
V
VCC Input Voltage
VCC
5.5
V
EN = 0V, VIN > VUVLO
60
150
Input Supply Current
IIN
EN = 5V, VIN > VUVLO
50
100
µA
UVLO Supply Current
IUVLO
VIN < VUVLO
40
µA
MAX4987AE
2.3
(VIN falling)
MAX4987BE
3.8
MAX4987AE
2.35
2.55
2.75
IN Undervoltage Lockout
VUVLO
(VIN rising)
MAX4987BE
3.85
4.2
4.45
V
IN Undervoltage Lockout Hysteresis
1%
(VIN rising)
5.55
6.15
6.45
Overvoltage Trip Level
VOVLO
(VIN falling)
5.5
V
IN Overvoltage Lockout Hysteresis
1%
Switch On-Resistance
RON
VIN = 5V, IOUT = 500mA
100
200
m
Ω
Overcurrent Protection Threshold
ILIM
1.5
4.2
A
Maximum Output Capacitance
VIN = 5V, no overcurrent shutdown
1000
µF
CD+ and CD- Leakage Current
ILKG_CD
VCC = 5.5V, VCD_ = 0V, 3.3V
-300
+300
nA
CD+ and CD- Capacitance
CCD
f = 1MHz, VCD_ = 0.5P-P
3pF
DIGITAL SIGNALS
ACOK Output Low Voltage
VOL
ISINK = 1mA
0.4
V
ACOK High-Leakage Current
VACOK = 5.5V, flag deasserted
1
µA
EN Input-Voltage High
VIH
1.4
V
EN Input-Voltage Low
VIL
0.4
V
EN Input-Leakage Current
ILEAK
VEN = 5.5V
-1
+1
µA
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a 4-layer
board. For detailed information on package thermal considerations, go to www.maxim-ic.com/thermal-tutorial.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com