Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34017-0432-R1-2 Datasheet(PDF) 2 Page - Kontron

Part # 34017-0432-R1-2
Description  COM Express® mini Type 10 with Intel Atom® x7000E / x7000RE Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

34017-0432-R1-2 Datasheet(HTML) 2 Page - Kontron

  34017-0432-R1-2 Datasheet HTML 1Page - Kontron 34017-0432-R1-2 Datasheet HTML 2Page - Kontron 34017-0432-R1-2 Datasheet HTML 3Page - Kontron 34017-0432-R1-2 Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.jumptec.com
Technical Information
COMPLIANCE
COM Express® mini, Pin-out Type 10
DIMENSIONS
84 mm x 55 mm
CPU
Intel Atom® x7000E / x7000RE Series
For details see table (CPU variants) given below
CHIPSET
Integrated in SOC
MAIN MEMORY
Up to 32 GByte LPDDR5 4800 MT/s memory down (In-Band ECC)
GRAPHICS CONTROLLER
SOC: Intel® HD Gfx Gen12: LVDS/eDP, 1x DP
ETHERNET CONTROLLER
SOC + LAN PHY GPY115 (GPY215 on request)
ETHERNET
1GBit Ethernet (2.5GBit on request with GPY215)
STORAGE
2x SATA 6Gb/s
FLASH ONBOARD
eMMC option – up to 256 GByte eMMC TLC
PCI EXPRESS®
PCIe Gen 3.0 - PCIe lane configurations: 4 x1, 2 x1 + 1 x2, 2 x2
DISPLAY
DDI: DP++, LVDS: Single Channel 18/24 bit or eDP
USB
2x USB 3.2 Gen2 (incl. USB 2.0) + 6x USB 2.0
SERIAL
2x serial interface (RX/TX only)
AUDIO
Intel® High Definition Audio
OTHER FEATURES
SPI, LPC, SMB, Fast I²C, Staged Watchdog, RTC
SPECIAL FEATURES
Industrial grade temperature
FEATURES ON REQUEST
eMMC up to 256 GByte TLC, eDP instead of LVDS, eSPI instead of LPC,
General Purpose SPI instead of Boot SPI, Trusted Platform module TPM 2.0, de-populated LAN PHY,
2.5GBit LAN instead of 1Gbit
POWER MANAGEMENT
ACPI 6.0
POWER SUPPLY
4.75 V – 20 V Wide Range, Single Supply Power
BIOS
AMI Aptio V
OPERATING SYSTEM
Windows® 10/11, Linux
TEMPERATURE
COMe-mAS10- commercial temperature:
0° C to +60° C operating, -30° C to +85° C non-operating
COMe-mAS10 E2 - industrial temperature:
-40° C to +85° C operating, -40° C to +85° C non-operating
HUMIDITY
93% relative Humidity at 40°C, non-condensing (according to IEC 60068-2-78)
COMe-mAS10 (E2)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com