Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS7091G Datasheet(PDF) 2 Page - International Rectifier

Part # IPS7091G
Description  INTELLIGENT POWER HIGH SIDE SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS7091G Datasheet(HTML) 2 Page - International Rectifier

  IPS7091G Datasheet HTML 1Page - International Rectifier IPS7091G Datasheet HTML 2Page - International Rectifier IPS7091G Datasheet HTML 3Page - International Rectifier IPS7091G Datasheet HTML 4Page - International Rectifier IPS7091G Datasheet HTML 5Page - International Rectifier IPS7091G Datasheet HTML 6Page - International Rectifier IPS7091G Datasheet HTML 7Page - International Rectifier IPS7091G Datasheet HTML 8Page - International Rectifier IPS7091G Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
IPS7091(G)(S)PbF
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters
are referenced to Ground lead. (Tambient=25°C unless otherwise specified).
Symbol
Parameter
Min.
Max.
Units
Vout
Maximum output voltage
Vcc-65 Vcc+0.3
Voffset
Maximum logic ground to load ground offset
Vcc-65 Vcc+0.3
Vin
Maximum input voltage
-0.3
5.5
Vcc max.
Maximum Vcc voltage
⎯
65
Vcc cont.
Maximum continuous Vcc voltage
⎯
35
V
Iin max.
Maximum IN current
-1
10
Idg max.
Maximum diagnostic output current
-1
10
mA
Vdg
Maximum diagnostic output voltage
-0.3
5.5
V
Maximum power dissipation (internally limited by thermal protection)
Pd
Rth=100°C/W
⎯
1.25
W
Isd cont.
Maximum continuous diode current (Rth=100°C/W)
⎯
1.8
A
ESD1
Electrostatic discharge voltage (Human body) 100pF, 1500
Ω
⎯
4
ESD2
Electrostatic discharge voltage (Machine Model) C=200pF,R=0
Ω,L=10µH
⎯
0.5
kV
Tj max.
Max. storage & operating temperature junction temperature
-40
+150
°C
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Units
Rth1
Thermal resistance junction to ambient SO8 std. footprint
100
⎯
Rth1
Thermal resistance junction to ambient TO220 free air
60
⎯
Rth1
Thermal resistance junction to ambient D2Pak std. footprint
60
⎯
Rth2
Thermal resistance junction to ambient D2Pak 1” sqrt. footprint
40
⎯
Rth3
Thermal resistance junction to case D2pak/TO220
4
⎯
°C/W
Recommended Operating Conditions
These values are given for a quick design. For operation outside these conditions, please consult the application notes.
Symbol
Parameter
Min.
Max.
Units
VIH
High level input voltage
4
5.5
VIL
Low level input voltage
-0.3
0.9
Iout
Continuous drain current, Tamb=85°C, Tj=125°C, Vin=5V, Rth=100°C/W
⎯
1.5
A
Rin
Recommended resistor in series with IN pin
10
20
Rdgs
Recommended resistor in series with DG pin
10
20
Rol
Recommended pull-up resistor for open load detection
5
100
kΩ
www.irf.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com