Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD225MJS120L6S Datasheet(PDF) 13 Page - StarPower Europe AG

Part # GD225MJS120L6S
Description  1200V/225A 3-level in one-package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD225MJS120L6S Datasheet(HTML) 13 Page - StarPower Europe AG

Back Button GD225MJS120L6S Datasheet HTML 7Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 8Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 9Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 10Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 11Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 12Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 13Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 14Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 15Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
GD225MJS120L6S
IGBT Module
©2024 STARPOWER Semiconductor Ltd.
10/10/2024
13/15
B02
Fig 21. D5/D6 Diode Switching Loss vs. RG
Fig 22. D5/D6 Diode Transient Thermal Impedance
Fig 23. NTC Temperature Characteristic
0
3
6
9
12
15
0
5
10
15
20
R
G [Ω]
Erec Tvj=125℃
Erec Tvj=150℃
V
R=600V
I
F=225A
V
GE=-8V
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
t [s]
Diode
i:
1
2
3
4
r
i[K/W]:
0.0130
0.0676 0.1286 0.1288
τ
i[s]:
0.0100
0.0200 0.0500 0.1000
0.1
1
10
100
0
30
60
90
120
150
T
C [
oC]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com