Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPIAIG-F4030-R47M-T Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPIAIG-F4030-R47M-T
Description  Molded SMD Power Inductor (AEC-Q200 Grade 0)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPIAIG-F4030-R47M-T Datasheet(HTML) 1 Page - Abracon Corporation

  ASPIAIG-F4030-R47M-T Datasheet HTML 1Page - Abracon Corporation ASPIAIG-F4030-R47M-T Datasheet HTML 2Page - Abracon Corporation ASPIAIG-F4030-R47M-T Datasheet HTML 3Page - Abracon Corporation ASPIAIG-F4030-R47M-T Datasheet HTML 4Page - Abracon Corporation ASPIAIG-F4030-R47M-T Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISION: IR 04-25-23
For terms and conditions of sales, please visit:
www.abracon.com
Molded SMD Power Inductor (AEC-Q200 Grade 0)
ASPIAIG-F4030
4.1 x 4.1 x 2.8 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
Test Conditions
Isat: DC current at which the inductance drops 30% from its value without current.
Irms: DC current that causes the temperature rise (ΔT, approximate 40 ˚C) from 25°C ambient.
Operating Temperature: -55˚C ~ +150˚C (including self-temperature rise)
Storage Condition: -55˚C ~ +150˚C (on board), -10˚C ~ +40˚C (with packaging) and R.H. 60 max
ASPIAIG-F4030 Series is RoHS Compliant and Pb free
ASPIAIG-F4030 is AEC-Q200 Grade 0 qualified (-55˚C ~ +150˚C)
Part Number
Inductance
Tolerance DC Resistance
Saturation
Current
Temperature
Rise Current
0.1MHz/1.0V
Max
Typ.
Max
Typ.
Units
μH
%
mΩ
A
A
Symbol
L
M
DCR
Isat
Irms
ASPIAIG-F4030-R47M-T
0.47
20
7.3
5.8
15.0
14.0
ASPIAIG-F4030-R90M-T
0.90
20
10.1
8.1
9.0
11.2
ASPIAIG-F4030-1R0M-T
1.0
20
10.1
8.1
9.2
11.0
ASPIAIG-F4030-1R2M-T
1.2
20
11.5
9.2
8.7
9.8
ASPIAIG-F4030-1R5M-T
1.5
20
13.2
10.6
7.0
9.0
ASPIAIG-F4030-2R2M-T
2.2
20
22.6
18.1
6.1
7.8
ASPIAIG-F4030-3R3M-T
3.3
20
28.6
22.9
5.3
6.6
ASPIAIG-F4030-4R7M-T
4.7
20
44.1
35.2
3.6
5.1
•
PPAP ready and supported
•
TS16949 certified production lines
•
AEC-Q200 qualified (-55˚C ~ +150˚C)
•
Shielded construction
•
Soft saturation
•
Low DCR, High Efficiency
•
Body electronics and comfort system
•
Infotainment and entertainment
•
Electric vehicles
•
Lighting
•
Solar inverters and power
•
Industrial and robotics
•
Medium and high-power switch mode power
supplies.
Electrical Specifications
Applications
Features


Similar Part No. - ASPIAIG-F4030-R47M-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPIAIG-F6060 ABRACON-ASPIAIG-F6060 Datasheet
635Kb / 4P
Molded SMD Power Inductor (AEC-Q200 Grade 0)
IR 05-01-23
ASPIAIG-F6060-100M-T ABRACON-ASPIAIG-F6060-100M-T Datasheet
635Kb / 4P
Molded SMD Power Inductor (AEC-Q200 Grade 0)
IR 05-01-23
ASPIAIG-F6060-4R7M-T ABRACON-ASPIAIG-F6060-4R7M-T Datasheet
635Kb / 4P
Molded SMD Power Inductor (AEC-Q200 Grade 0)
IR 05-01-23
ASPIAIG-F6060-5R6M-T ABRACON-ASPIAIG-F6060-5R6M-T Datasheet
635Kb / 4P
Molded SMD Power Inductor (AEC-Q200 Grade 0)
IR 05-01-23
ASPIAIG-F6060-6R8M-T ABRACON-ASPIAIG-F6060-6R8M-T Datasheet
635Kb / 4P
Molded SMD Power Inductor (AEC-Q200 Grade 0)
IR 05-01-23
More results

Similar Description - ASPIAIG-F4030-R47M-T

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
MBH6045C TOKO-MBH6045C Datasheet
232Kb / 2P
AEC-Q200 Compliant
logo
Abracon Corporation
ABM10AIG ABRACON-ABM10AIG Datasheet
5Mb / 4P
AEC-Q200 qualified
12.09.15
logo
Taiyo Yuden (U.S.A.), I...
LMK325BJ476MMHP TAIYO-YUDEN-LMK325BJ476MMHP Datasheet
288Kb / 2P
AEC-Q200 qualified
HMJ107AB7222MAHT TAIYO-YUDEN-HMJ107AB7222MAHT Datasheet
286Kb / 2P
AEC-Q200 qualified
logo
Abracon Corporation
ABH4A ABRACON-ABH4A Datasheet
895Kb / 2P
AEC-Q200 COMPLIANT GLASS SEALED AUTOMOTIVE GRADE SMD CRYSTAL
02.19.10
logo
TE Connectivity Ltd
3521 TEC-3521 Datasheet
264Kb / 7P
SMD POWER RESISTORS AEC-Q200 QUALIFIED
3522 TEC-3522 Datasheet
269Kb / 7P
SMD POWER RESISTORS - AEC-Q200 QUALIFIED
logo
Shanghai Leiditech Elec...
LM1206 LEIDITECH-LM1206 Datasheet
763Kb / 3P
AEC-Q200 Automotive Grade Certified
logo
TE Connectivity Ltd
9-1773463-5 TEC-9-1773463-5 Datasheet
264Kb / 7P
SMD POWER RESISTORS AEC-Q200 QUALIFIED
9-1773463-7 TEC-9-1773463-7 Datasheet
269Kb / 7P
SMD POWER RESISTORS ??AEC-Q200 QUALIFIED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com