Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H562VG Datasheet(PDF) 127 Page - STMicroelectronics

Part # STM32H562VG
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562VG Datasheet(HTML) 127 Page - STMicroelectronics

Back Button STM32H562VG Datasheet HTML 123Page - STMicroelectronics STM32H562VG Datasheet HTML 124Page - STMicroelectronics STM32H562VG Datasheet HTML 125Page - STMicroelectronics STM32H562VG Datasheet HTML 126Page - STMicroelectronics STM32H562VG Datasheet HTML 127Page - STMicroelectronics STM32H562VG Datasheet HTML 128Page - STMicroelectronics STM32H562VG Datasheet HTML 129Page - STMicroelectronics STM32H562VG Datasheet HTML 130Page - STMicroelectronics STM32H562VG Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 270 page
background image
DS14258 Rev 5
127/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
VCORE
Internal regulator ON
VOS0(5)
(max frequency for AHB and APB: 250 MHz)
1.30
1.35
1.40
V
VOS1
(max frequency for AHB and APB: 200 MHz)
1.15
1.20
1.26
VOS2
(max frequency for AHB and APB: 150 MHz)
1.05
1.10
1.15
VOS3
(max frequency for AHB and APB: 100 MHz)
0.95
1.00
1.05
Regulator OFF:
external VCORE voltage
must be supplied from
external regulator on
VCAP pins
VOS0(5)
1.32
1.35
1.40
V
VOS1
1.17
1.20
1.26
VOS2
1.07
1.10
1.15
VOS3
0.97
1.00
1.05
Stop mode
SVOS3
-
1.0
-
V
SVOS4
-
0.9
-
SVOS5
-
0.74
-
fHCLK
AHB clock frequency
VOS0(5)
-
-
250
MHz
VOS1
-
-
200
VOS2
-
-
150
VOS3
-
-
100
fPCLKx
(x=1,2,3)
APB1, APB2, APB3
clock frequency
VOS0(5)
-
-
250
MHz
VOS1
-
-
200
VOS2
-
-
150
VOS3
-
-
100
PD
Power dissipation at
TA = 85 or 105 °C
for suffix 6 or 7
versions(6)
LQFP64
See Table 140 for
appropriate thermal
resistance and package.
Power dissipation is
calculated according to
ambient temperature
(TA), maximum junction
temperature (TJ), and
selected thermal
resistance.
mW
LQFP100
LQFP144
LQFP176
UFBGA169
UFBGA176
VFQFPN68
WLCSP80
Table 20. General operating conditions (continued)
Symbol
Parameter
Operating conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com