Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H562VG Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM32H562VG
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562VG Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM32H562VG Datasheet HTML 11Page - STMicroelectronics STM32H562VG Datasheet HTML 12Page - STMicroelectronics STM32H562VG Datasheet HTML 13Page - STMicroelectronics STM32H562VG Datasheet HTML 14Page - STMicroelectronics STM32H562VG Datasheet HTML 15Page - STMicroelectronics STM32H562VG Datasheet HTML 16Page - STMicroelectronics STM32H562VG Datasheet HTML 17Page - STMicroelectronics STM32H562VG Datasheet HTML 18Page - STMicroelectronics STM32H562VG Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 270 page
background image
DS14258 Rev 5
15/270
STM32H562xx and STM32H563xx
Description
18
The devices offer eight packages, from 64 to 176 pins.
All packages are available with LDO or SMPS supply options for the VCORE (except for
LQFP64 and VFQFPN68 packages, not available in SMPS, and WLCSP80, not available in
LDO).
Table 2. STM32H56xxx features and peripheral counts
Peripherals
Flash memory
Up to 2 Mbytes
SRAM
System
640 (256 + 64 + 320) Kbytes
Backup
4 Kbytes
Flexible memory controller for
external memories (FMC)
No
Yes(1)
Yes
(2)
Yes
OCTOSPI
1
Timers
Advanced
control
2 (16 bits)
General
purpose
2 (32 bits) and 8 (16 bits)
Basic
2 (16 bits)
Low power
6 (16 bits)
SysTick timer
2
Watchdog
timers
(independent,
window)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com