Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H562VG Datasheet(PDF) 171 Page - STMicroelectronics

Part # STM32H562VG
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562VG Datasheet(HTML) 171 Page - STMicroelectronics

Back Button STM32H562VG Datasheet HTML 167Page - STMicroelectronics STM32H562VG Datasheet HTML 168Page - STMicroelectronics STM32H562VG Datasheet HTML 169Page - STMicroelectronics STM32H562VG Datasheet HTML 170Page - STMicroelectronics STM32H562VG Datasheet HTML 171Page - STMicroelectronics STM32H562VG Datasheet HTML 172Page - STMicroelectronics STM32H562VG Datasheet HTML 173Page - STMicroelectronics STM32H562VG Datasheet HTML 174Page - STMicroelectronics STM32H562VG Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 270 page
background image
DS14258 Rev 5
171/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
11
Fmax(2)(4) Maximum frequency
C = 50 pF, 1.71 V ≤ VDD ≤ 2 V
-
67
MHz
C = 40 pF, 1.71 V ≤ VDD ≤ 2 V
-
100
C = 30 pF, 1.71 V ≤ VDD ≤ 2 V
-
120
C = 20 pF, 1.71 V ≤ VDD ≤ 2 V
-
155
C = 10 pF, 1.71 V ≤ VDD ≤ 2 V
-
200
tr/tf(3)(4)
Output high to low level
fall time and output low
to high level rise time
C = 50 pF, 1.71 V ≤ VDD ≤ 2 V
-
5.0
ns
C = 40 pF, 1.71 V ≤ VDD ≤ 2 V
-
4.1
C = 30 pF, 1.71 V ≤ VDD ≤ 2 V
-
3.3
C = 20 pF, 1.71 V ≤ VDD ≤ 2 V
-
2.5
C = 10 pF, 1.71 V ≤ VDD ≤ 2 V
-
1.8
1. Specified by design - Not tested in production.
2. The maximum frequency is defined with the conditions: (tr+tf) ≤ 2/3 T, Skew ≤ 1/20 T, 45% < Duty cycle < 55%.
3. The fall and rise times are defined, respectively, between 90 and 10% and between 10 and 90% of the output waveform.
4. Compensation system enabled.
Table 64. Output timing characteristics (HSLV ON)(1) (continued)
Speed
Symbol
Parameter
Conditions
Min
Max
Unit
Table 65. Output timing characteristics VDDIO2 1.2 V range (HSLV OFF)(1)
Speed Symbol
Parameter
Conditions
Min
Max
Unit
00
Fmax(2) Maximum frequency
C = 50 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
1
MHz
C = 40 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
1
C = 30 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
1
C = 20 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
1
C = 10 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
1
tr/tf(3)
Output high to low level fall
time and output low to high
level rise time
C = 50 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
83.0
ns
C = 40 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
79.0
C = 30 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
46.0
C = 20 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
72.0
C = 10 pF, 1.08 V ≤ VDDIO2 ≤ 1.32 V
-
68.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com