Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H562VG Datasheet(PDF) 216 Page - STMicroelectronics

Part # STM32H562VG
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562VG Datasheet(HTML) 216 Page - STMicroelectronics

Back Button STM32H562VG Datasheet HTML 212Page - STMicroelectronics STM32H562VG Datasheet HTML 213Page - STMicroelectronics STM32H562VG Datasheet HTML 214Page - STMicroelectronics STM32H562VG Datasheet HTML 215Page - STMicroelectronics STM32H562VG Datasheet HTML 216Page - STMicroelectronics STM32H562VG Datasheet HTML 217Page - STMicroelectronics STM32H562VG Datasheet HTML 218Page - STMicroelectronics STM32H562VG Datasheet HTML 219Page - STMicroelectronics STM32H562VG Datasheet HTML 220Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
216/270
DS14258 Rev 5
5.3.29
Voltage booster for analog switch
5.3.30
VREFBUF characteristics
Table 105. VBAT charging characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RBC
Battery charging resistor
VBRS in PWR_CR3 = 0
-
5
-
kΩ
VBRS in PWR_CR3 = 1
-
1.5
-
Table 106. Temperature monitoring characteristics
Symbol
Parameter
Min
Typ
Max
Unit
TEMPhigh
High temperature monitoring
-
126
-
°C
TEMPlow
Low temperature monitoring
-
-37
-
Table 107. Voltage booster for analog switch characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max Unit
VDD
Supply voltage
-
1.71
2.6
3.6
V
tSU(BOOST) Booster startup time
-
-
-
50
µs
IDD(BOOST) Booster consumption
1.71 V ≤ VDD ≤ 2.7 V
-
-
125
µA
2.7 V < VDD < 3.6 V
-
-
250
1. Evaluated by characterization - Not tested in production.
Table 108. VREFBUF characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply
voltage
Normal mode at
VDDA = 3.3 V
VRS = 000
2.8
3.3
3.6
V
VRS = 001
2.4
-
3.6
VRS = 010
2.1
-
3.6
Degraded mode(2)
VRS = 000
1.62
-
2.80
VRS = 001
1.62
-
2.40
VRS = 010
1.62
-
2.10
VREFBUF_
OUT
Voltage reference
buffer output
Normal mode at
30 °C, ILOAD = 100 µA
VRS = 000
2.498(3)
2.5000 2.5035(3)
V
VRS = 001
2.0460
2.0490
2.0520
VRS = 010
1.8010
1.8040
1.8060
Degraded mode(2)
VRS = 000
VDDA − 150 mV
-
2.5035
VRS = 001
VDDA − 150 mV
-
2.0520
VRS = 010
VDDA − 150 mV
-
1.8060
TRIM
Trim step
resolution
-
-
-
±0.05
±0.1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com