Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H562VG Datasheet(PDF) 228 Page - STMicroelectronics

Part # STM32H562VG
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562VG Datasheet(HTML) 228 Page - STMicroelectronics

Back Button STM32H562VG Datasheet HTML 224Page - STMicroelectronics STM32H562VG Datasheet HTML 225Page - STMicroelectronics STM32H562VG Datasheet HTML 226Page - STMicroelectronics STM32H562VG Datasheet HTML 227Page - STMicroelectronics STM32H562VG Datasheet HTML 228Page - STMicroelectronics STM32H562VG Datasheet HTML 229Page - STMicroelectronics STM32H562VG Datasheet HTML 230Page - STMicroelectronics STM32H562VG Datasheet HTML 231Page - STMicroelectronics STM32H562VG Datasheet HTML 232Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
228/270
DS14258 Rev 5
Figure 68. USB timings - definition of data signal rise and fall time
4. RL is the load connected on the USB full speed drivers.
Table 118. USB startup time
Symbol
Parameter
Max
Unit
tSTARTUP(1)
1. Specified by design - Not tested in production.
USB transceiver startup time
1
μs
ai14137b
Cross over
points
Differential
data lines
VCRS
VSS
tf
tr
Table 119. USB electrical characteristics(1)
Driver characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
trLS
Rise time in LS(2)
CL = 200 to 600 pF
75
300
ns
tfLS
Fall time in LS(2)
CL = 200 to 600 pF
75
300
ns
trfmLS
Rise/fall time matching in LS
tr/tf
80
125
%
trFS
Rise time in FS(2)
CL = 50 pF
4
20
ns
tfFS
Fall time in FS(2)
CL = 50 pF
4
20
ns
trfmFS
Rise/fall time matching in FS
tr/tf
90
111
%
VCRS
Output signal crossover voltage (LS/FS)
-
1.3
2.0
V
ZDRV
Output driver impedance(3)
Driving high or low
28
44
Ω
1. Specified by design - Not tested in production.
2. Measured from 10% to 90% of the data signal. For more detailed information, refer to USB specification -
chapter 7 (version 2.0).
3. No external termination series resistors are required on DP (D+) and DM (D-) pins since the matching
impedance is included in the embedded driver.
Table 120. USB BCD DC electrical characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDD(USBBCD)
Primary detection mode consumption
-
-
-
300
μA
Secondary detection mode consumption
-
-
-
300
RDAT_LKG
Data line leakage resistance
-
300
-
-
kΩ
VDAT_LKG
Data line leakage voltage
-
0.0
-
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com