Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5016 Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # CF5016
Description  1.8V Operation Fundamental Frequency Crystal Oscillator Module ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5016 Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  CF5016 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5016 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5016 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5016 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5016 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5016 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5016 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5016 Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CF5016 series
SEIKO NPC CORPORATION —4
Electrical Characteristics
VDD = 1.6 to 2.0V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, VDD = 1.6V, IOH = 2.8mA
1.1
1.4
–
V
LOW-level output voltage
VOL
Q: Measurement cct 1, VDD = 1.6V, IOL = 2.8mA
–
0.3
0.4
V
HIGH-level input voltage
VIH
INHN
0.7VDD
––
V
LOW-level input voltage
VIL
INHN
–
–
0.3VDD
V
Output leakage current
IZ
Q: Measurement cct 2, INHN = LOW
VOH = VDD
–
–
10
µA
VOL = VSS
–
–
10
µA
Current consumption
IDD
Measurement cct 3, load cct 1,
INHN = open, CL = 15pF, f = 50MHz
CF5016AL1
–
3.5
7
mA
CF5016AL2
–
2.5
5
mA
CF5016AL3
–
2
4
mA
CF5016AL4
–
1.5
3
mA
CF5016AL5
–
1
2
mA
Standby current
IST
Measurement cct 3, INHN = LOW
–
–
10
µA
INHN pull-up resistance
RUP1
Measurement cct 4
2
6
12
M
Ω
RUP2
30
150
300
k
Ω
Feedback resistance
Rf
Measurement cct 5
100
300
600
k
Ω
Built-in capacitance
CG
Design value. A monitor pattern on a wafer is tested.
15.3
18
20.7
pF
CD
15.3
18
20.7
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com