Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5016AL2 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # CF5016AL2
Description  1.8V Operation Fundamental Frequency Crystal Oscillator Module ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5016AL2 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  CF5016AL2 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5016AL2 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5016AL2 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5016AL2 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5016AL2 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5016AL2 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5016AL2 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5016AL2 Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CF5016 series
SEIKO NPC CORPORATION —5
Switching Characteristics
VDD = 1.6 to 2.0V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
Current consumption and Output waveform with NPC’s standard crystal
FUNCTIONAL DESCRIPTION
Standby Function
When INHN goes LOW, the oscillator stops and the oscillator output on Q becomes high impedance.
Power-saving Pull-up Resistor
The INHN pull-up resistance changes in response to the input level (HIGH or LOW). When INHN goes LOW
(standby state), the pull-up resistance becomes large to reduce the current consumption during standby.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr1
Measurement cct 3, load cct 1,
0.2VDD to 0.8VDD
CL = 15pF
–
2.5
5.0
ns
tr2
CL = 30pF
–
4.0
8.0
Output fall time
tf1
Measurement cct 3, load cct 1,
0.8VDD to 0.2VDD
CL = 15pF
–
2.5
5.0
ns
tf2
CL = 30pF
–
4.0
8.0
Output duty cycle1
1. The duty cycle characteristic is checked the sample chips of each production lot.
Duty1
Measurement cct 3, load cct 1,
VDD = 1.8V, Ta = 25°C
CL = 15pF
f = 45MHz
45–55
%
Duty2
CL = 15pF
f = 50MHz
40–60
%
Duty3
CL = 30pF
f = 30MHz
45–55
%
Output disable delay time2
2. Oscillator stop function is built-in. When INHN goes LOW, normal output stops. When INHN goes HIGH, normal output is not resumed until after the
oscillator start-up time has elapsed.
tPLZ
Measurement cct 6, load cct 1, VDD = 1.8V, Ta = 25°C,
CL = 15pF
–
–
200
ns
Output enable delay time2
tPZL
–
–
200
ns
INHN
Q
Oscillator
HIGH (or open)
Any fO, fO/2, fO/4, fO/8 or fO/16 output frequency
Normal operation
LOW
High impedance
Stopped
f [MHz]
R [
Ω]
L [mH]
Ca [fF]
Cb [pF]
30
5.26
2.82
9.99
2.68
40
8.24
5.72
2.77
2.22
50
16.12
6.88
1.43
1.18
L
Ca
R
Cb



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com